Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 270Page - Renesas Technology Corp SH7721 Datasheet HTML 271Page - Renesas Technology Corp SH7721 Datasheet HTML 272Page - Renesas Technology Corp SH7721 Datasheet HTML 273Page - Renesas Technology Corp SH7721 Datasheet HTML 274Page - Renesas Technology Corp SH7721 Datasheet HTML 275Page - Renesas Technology Corp SH7721 Datasheet HTML 276Page - Renesas Technology Corp SH7721 Datasheet HTML 277Page - Renesas Technology Corp SH7721 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 1524 page
background image
Section 5 Cache
Rev. 3.00 Jan. 18, 2008 Page 212 of 1458
REJ09B0033-0300
5.4.3
Usage Examples
(1)
Invalidating Specific Entries
Specific cache entries can be invalidated by writing 0 to the entry’s V bit in the memory-mapped
cache access. When the A bit is 1, the tag address specified by the write data is compared to the
tag address within the cache selected by the entry address, and a match is found, the entry is
written back if the entry’s U bit is 1 and the V bit and U bit specified by the write data are written.
If no match is found, there is no operation. In the example shown below, R0 specifies the write
data and R1 specifies the address.
; R0
=H'01100010; VPN=B'0000 0001 0001 0000 0000 00, U=0, V=0
; R1
=H'F0000088; address array access, entry=B'00001000, A=1
;
MOV.L R0,@R1
(2)
Reading the Data of a Specific Entry
To read the data field of a specific entry is enabled by the memory-mapped cache access. The
longword indicated in the data field of the data array in figure 5.4 is read into the register. In the
example shown below, R0 specifies the address and R1 shows what is read.
; R0
=H'F100 004C; data array access, entry=B'00000100
; Way
= 0, longword address = 3
;
MOV.L @R0,R1 ; Longword 3 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com