Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 278Page - Renesas Technology Corp SH7721 Datasheet HTML 279Page - Renesas Technology Corp SH7721 Datasheet HTML 280Page - Renesas Technology Corp SH7721 Datasheet HTML 281Page - Renesas Technology Corp SH7721 Datasheet HTML 282Page - Renesas Technology Corp SH7721 Datasheet HTML 283Page - Renesas Technology Corp SH7721 Datasheet HTML 284Page - Renesas Technology Corp SH7721 Datasheet HTML 285Page - Renesas Technology Corp SH7721 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 220 of 1458
REJ09B0033-0300
7.1.4
Interrupt Event Register 2 (INTEVT2)
INTEVT2 is assigned to address H'A4000000 and consists of a 12-bit exception code. Exception
codes to be specified in INTEVT2 are those for interrupt requests. These exception codes are
automatically specified by the hardware when an exception occurs. INTEVT2 cannot be modified
using the software.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 12
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
11 to 0
INTEVT2
R
12-bit Exception Code
7.1.5
Exception Address Register (TEA)
TEA is assigned to address H'FFFFFFFC and the virtual address for an exception occurrence is
stored in this register when an exception related to memory accesses occurs. TEA can be modified
using the software.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
TEA
All 0
R/W
The virtual address for an exception occurrence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com