Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 282Page - Renesas Technology Corp SH7721 Datasheet HTML 283Page - Renesas Technology Corp SH7721 Datasheet HTML 284Page - Renesas Technology Corp SH7721 Datasheet HTML 285Page - Renesas Technology Corp SH7721 Datasheet HTML 286Page - Renesas Technology Corp SH7721 Datasheet HTML 287Page - Renesas Technology Corp SH7721 Datasheet HTML 288Page - Renesas Technology Corp SH7721 Datasheet HTML 289Page - Renesas Technology Corp SH7721 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 224 of 1458
REJ09B0033-0300
unconditional delayed branch instruction or an instruction following a conditional delayed branch
instruction whose branch condition is satisfied. If a branch does not occur in a conditional delayed
branch, the normal processing is executed.
(3)
Acceptance Priority and Test Priority
Acceptance priorities are determined for all exception requests. The priority of resets, general
exceptions, and interrupts are determined in this order: a reset is always accepted regardless of the
CPU status. Interrupts are accepted only when resets or general exceptions are not requested.
If multiple general exceptions occur simultaneously in the same instruction, the priority is
determined as follows.
1.
A processing-completion type exception generated at the previous instruction*
2.
A user break before instruction execution (re-execution type)
3.
An exception related to an instruction fetch (CPU address error and MMU related exceptions:
re-execution type)
4.
An exception caused by an instruction decode (General illegal instruction exceptions and slot
illegal instruction exceptions: re-execution type, unconditional trap: processing-completion
type)
5.
An exception related to data access (CPU address error and MMU related exceptions: re-
execution type)
6.
Unconditional trap (processing-completion type)
7.
A user break other than one before instruction execution (processing-completion type)
8.
DMA address error (processing-completion type)
Note: * If a processing-completion type exception is accepted at an instruction, exception
processing starts before the next instruction is executed. This exception processing
executed before an exception generated at the next instruction is detected.
Only one exception is accepted at a time. Accepting multiple exceptions sequentially results in all
exception requests being processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com