Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 284Page - Renesas Technology Corp SH7721 Datasheet HTML 285Page - Renesas Technology Corp SH7721 Datasheet HTML 286Page - Renesas Technology Corp SH7721 Datasheet HTML 287Page - Renesas Technology Corp SH7721 Datasheet HTML 288Page - Renesas Technology Corp SH7721 Datasheet HTML 289Page - Renesas Technology Corp SH7721 Datasheet HTML 290Page - Renesas Technology Corp SH7721 Datasheet HTML 291Page - Renesas Technology Corp SH7721 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 226 of 1458
REJ09B0033-0300
Exception
Type
Current
Instruction
Exception Event
Priority*
1
Exception
Order
Process
at BL=1
Vector
Code
Vector
Offset
User breakpoint
(Data break, I-BUS
break)
2
5
Ignored
H'1E0
H'00000100
General
exception
events
(asynchro-
nous)
Completed
DMA address error
2
6
Retained H'5C0
H'00000100
General
interrupt
requests
(asynchro-
nous)
Completed
Interrupt requests
3
—*
2
Retained —*
3
H'00000600
Notes: 1. Priorities are indicated from high to low, 1 being the highest and 3 the lowest.
A reset has the highest priority. An interrupt is accepted only when general exceptions
are not requested.
2. For details on priorities in multiple interrupt sources, refer to section 8, Interrupt
Controller (INTC).
3. If an interrupt is accepted, the exception event register (EXPEVT) is not changed. The
interrupt source code is specified in the interrupt event registers (INTEVT and
INTEVT2). For details, refer to section 8, Interrupt Controller (INTC).
4. If one of these exceptions occurs in a specific part of the repeat loop, a specific code
and vector offset are specified.
5. These exception codes are valid when the MMU is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com