Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 285Page - Renesas Technology Corp SH7721 Datasheet HTML 286Page - Renesas Technology Corp SH7721 Datasheet HTML 287Page - Renesas Technology Corp SH7721 Datasheet HTML 288Page - Renesas Technology Corp SH7721 Datasheet HTML 289Page - Renesas Technology Corp SH7721 Datasheet HTML 290Page - Renesas Technology Corp SH7721 Datasheet HTML 291Page - Renesas Technology Corp SH7721 Datasheet HTML 292Page - Renesas Technology Corp SH7721 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 227 of 1458
REJ09B0033-0300
7.3
Individual Exception Operations
This section describes the conditions for specific exception handling, and the processor operations.
This section describes resets and general exceptions. For interrupt operations, refer to section 8,
Interrupt Controller (INTC).
7.3.1
Resets
(1)
Power-On Reset
• Conditions
Power-on reset is request
• Operations
Set EXPEVT to H'000, initialize the CPU and on-chip peripheral modules, and branch to the
reset vector H'A0000000. For details, refer to the register descriptions in the relevant sections.
(2)
Manual Reset
• Conditions
Manual reset is request
• Operations
Set EXPEVT to H'020, initialize the CPU and on-chip peripheral modules, and branch to the
reset vector H'A0000000. For details, refer to the register descriptions in the relevant sections.
7.3.2
General Exceptions
(1)
CPU address error
• Conditions
 Instruction is fetched from odd address (4n + 1, 4n + 3)
 Word data is accessed from addresses other than word boundaries (4n + 1, 4n + 3)
 Longword is accessed from addresses other than longword boundaries (4n + 1, 4n + 2,
4n + 3)
 The area ranging from H'80000000 to H'FFFFFFFF in virtual space is accessed in user
mode
• Types
Instruction synchronous, re-execution type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com