Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 289Page - Renesas Technology Corp SH7721 Datasheet HTML 290Page - Renesas Technology Corp SH7721 Datasheet HTML 291Page - Renesas Technology Corp SH7721 Datasheet HTML 292Page - Renesas Technology Corp SH7721 Datasheet HTML 293Page - Renesas Technology Corp SH7721 Datasheet HTML 294Page - Renesas Technology Corp SH7721 Datasheet HTML 295Page - Renesas Technology Corp SH7721 Datasheet HTML 296Page - Renesas Technology Corp SH7721 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 231 of 1458
REJ09B0033-0300
• Remarks
An exception occurs when a DMA transfer is executed while an exception instruction address
described above is specified in the DMAC. Since the DMA transfer is performed
asynchronously with the CPU instruction operation, an exception is also requested
asynchronously with the instruction execution. For details on DMAC, refer to section 10,
Direct Memory Access Controller (DMAC).
7.3.3
General Exceptions (MMU Exceptions)
When the address translation unit of the memory management unit (MMU) is valid, MMU
exceptions are checked after a CPU address error has been checked. Four types of MMU
exceptions are defined: TLB miss exception, TLB invalid exception, TLB protection exception,
initial page write exception. These exceptions are checked in this order.
A vector offset for a TLB miss exception is defined as H'00000400 to simplify exception source
determination. For details on MMU exception operations, refer to section 4, Memory Management
Unit (MMU).
(1)
TLB miss exception
• Conditions
Comparison of TLB addresses shows no address match.
• Types
Instruction synchronous, re-execution type
• Save address
Instruction fetch: An instruction address to be fetched when an exception occurred
Data access: An instruction address where an exception occurs (a delayed branch instruction
address if an instruction is assigned to a delay slot)
• Exception code
An exception occurred during read: H'040
An exception occurred during write: H'060
• Remarks
• The virtual address (32 bits) that caused the exception is set in TEA, and the MMU register is
updated. The vector address for TLB miss exception is VBR + H'0400. To speed up TLB miss
processing, the offset differs from other exceptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com