Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 293Page - Renesas Technology Corp SH7721 Datasheet HTML 294Page - Renesas Technology Corp SH7721 Datasheet HTML 295Page - Renesas Technology Corp SH7721 Datasheet HTML 296Page - Renesas Technology Corp SH7721 Datasheet HTML 297Page - Renesas Technology Corp SH7721 Datasheet HTML 298Page - Renesas Technology Corp SH7721 Datasheet HTML 299Page - Renesas Technology Corp SH7721 Datasheet HTML 300Page - Renesas Technology Corp SH7721 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 235 of 1458
REJ09B0033-0300
Table 7.2
Instruction Positions and Restriction Types
Instruction
Position
SPC*
1
Illegal
Instruction*
2
Interrupt,
Break*
3
CPU Address
Error*
4
[A]
[B]
Retained
[C1]
Added
Retained
Instruction/data
[C2]
Illegal
Added
Retained
Instruction/data
Notes: 1. A specific address is specified in the SPC if an exception occurs while SR.RC[11:0]
≥ 2.
2. There are a greater number of instructions that can be illegal instructions while
SR.RC[11:0]
≥ 1.
3. An interrupt, break or DMA address error request is retained while SR.RC[11:0]
≥1.
4. A specific exception code is specified while SR.RC[11:0]
≥1.
• Example 1: Repeat loop consisting of four or greater instructions
LDRS RptStart
; [A]
LDRE RptDtct + 4
; [A]
SETRC #4
; [A]
instr0
; [A]
RptStart: instr1
; [A][Repeat start instruction]
………
; [A]
………
; [A]
RptDtct:
RptDtct
; [B] A repeat detection
instruction is an
instruction three
instructions before a
repeat end instruction
RptDtct1
; [C1]
RptDtct2
; [C2]
RptEnd:
RptDtct3
; [C2][Repeat end instruction]
instrNext
; [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com