Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 295Page - Renesas Technology Corp SH7721 Datasheet HTML 296Page - Renesas Technology Corp SH7721 Datasheet HTML 297Page - Renesas Technology Corp SH7721 Datasheet HTML 298Page - Renesas Technology Corp SH7721 Datasheet HTML 299Page - Renesas Technology Corp SH7721 Datasheet HTML 300Page - Renesas Technology Corp SH7721 Datasheet HTML 301Page - Renesas Technology Corp SH7721 Datasheet HTML 302Page - Renesas Technology Corp SH7721 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 237 of 1458
REJ09B0033-0300
(1)
SPC Saved by an Exception in Repeat Control Period
If an exception is accepted in the repeat control period while the repeat counter (RC[11:0]) in the
SR register is two or greater, the program counter to be saved may not indicate the value to be
returned correctly. To execute the repeat control after returning from an exception processing, the
return address must indicate an instruction prior to a repeat detection instruction. Accordingly, if
an exception is accepted in repeat control period, an exception other than re-execution type
exception by a repeat detection instruction cannot return to the repeat control correctly.
Table 7.3
SPC Value When a Re-Execution Type Exception Occurs in Repeat Control
(SR.RC[11:0]
≥2)
Number of Instructions in a Repeat Loop
Instruction Where an
Exception Occurs
1
2
3
4 or Greater
RptDtct
RptDtct
RptDtct
RptDtct
RptDtct
RptDtct1
RptDtct1
RptDtct1
RptDtct1
RptDtct1
RptDtct2
RptDtct1
RptDtct1
RS-4
RptDtct3
RptDtct1
RS-2
Note:
The following labels are used here.
RptDtct:
Repeat detection instruction address
RptDtct1: Instruction address immediately after the repeat detect instruction
RptDtct2: Second instruction address from the repeat detect instruction
RptDtct3: Third instruction address from the repeat detect instruction
RS:
Repeat start instruction address
If a re-execution type exception is accepted at an instruction in the hatched areas above, a
return address to be saved in the SPC is incorrect. If SR.RC[11:0] is 1 or 0, a correct return
address is saved in the SPC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com