Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 299Page - Renesas Technology Corp SH7721 Datasheet HTML 300Page - Renesas Technology Corp SH7721 Datasheet HTML 301Page - Renesas Technology Corp SH7721 Datasheet HTML 302Page - Renesas Technology Corp SH7721 Datasheet HTML 303Page - Renesas Technology Corp SH7721 Datasheet HTML 304Page - Renesas Technology Corp SH7721 Datasheet HTML 305Page - Renesas Technology Corp SH7721 Datasheet HTML 306Page - Renesas Technology Corp SH7721 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 241 of 1458
REJ09B0033-0300
7.5
Usage Notes
1.
An instruction assigned at a delay slot of the RTE instruction is executed after the contents of
the SSR is restored into the SR. An acceptance of an exception related to instruction access is
determined according to the SR before restore. An acceptance of other exceptions is
determined by processing mode of the SR after restore, and BL bit value. A processing-
completion type exception is accepted before an instruction at the RTE branch destination
address is executed. However, note that the correct operation cannot be guaranteed if a re-
execution type exception occurs.
2.
In an instruction assigned at a delay slot of the RTE instruction, a user break cannot be
accepted.
3.
If the MD and BL bits of the SR register are changed by the LDC instruction, an exception is
accepted according to the changed SR value from the next instruction.* A processing-
completion type exception is accepted before the next instruction is executed. An interrupt
and DMA address error in re-execution type exceptions are accepted before the next
instruction is executed.
Note: * If an LDC instruction is executed for the SR, the following instructions are re-fetched
and an instruction fetch exception is accepted according to the modified SR value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com