Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 298Page - Renesas Technology Corp SH7721 Datasheet HTML 299Page - Renesas Technology Corp SH7721 Datasheet HTML 300Page - Renesas Technology Corp SH7721 Datasheet HTML 301Page - Renesas Technology Corp SH7721 Datasheet HTML 302Page - Renesas Technology Corp SH7721 Datasheet HTML 303Page - Renesas Technology Corp SH7721 Datasheet HTML 304Page - Renesas Technology Corp SH7721 Datasheet HTML 305Page - Renesas Technology Corp SH7721 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 240 of 1458
REJ09B0033-0300
Table 7.5
Instruction Where a Specific Exception Occurs When a Memory Access
Exception Occurs in Repeat Control (SR.RC[11:0]
≥1)
Number of Instructions in a Repeat Loop
Instruction Where an
Exception Occurs
1
2
3
4 or Greater
RptDtct
RptDtct1
Instruction/data
access
Instruction/data
access
Instruction/data
access
Instruction/data
access
RptDtct2
Instruction/data
access
Instruction/data
access
Instruction/data
access
RptDtct3
Instruction/data
access
Instruction/data
access
Note:
The following labels are used here.
RptDtct:
Repeat detection instruction address
RptDtct1: Instruction address immediately after the repeat detect instruction
RptDtct2: Second instruction address from the repeat detect instruction
RptDtct3: Third instruction address from the repeat detect instruction
(5)
MMU Exception in Repeat Control Period
If an MMU exception occurs in the repeat control period, a specific exception code is generated as
well as a CPU address error. For a TLB miss exception, TLB invalid exception, and initial page
write exception, an exception code (H'070) indicating the repeat loop period is specified in the
EXPEVT. For a TLB protection exception, an exception code (H'0D0) is specified in the
EXPEVT. In a TLB miss exception, vector offset is specified as H'00000100.
An instruction where an exception occurs and the SPC value to be saved are the same as those for
the CPU address error.
After this exception processing, the repeat control cannot be returned correctly. To execute a
repeat loop correctly, care must be taken not to generate an MMU related exception in the repeat
control period.
Note:
In a repeat loop consisting of one to three instructions, some restrictions apply to repeat
detection instructions and all the remaining instructions. In a repeat loop consisting of four
or more instructions, restrictions apply to only the three instructions that include a repeat
end instruction. The restriction occurs when SR.RC[11:0]
≥ 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com