Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 301Page - Renesas Technology Corp SH7721 Datasheet HTML 302Page - Renesas Technology Corp SH7721 Datasheet HTML 303Page - Renesas Technology Corp SH7721 Datasheet HTML 304Page - Renesas Technology Corp SH7721 Datasheet HTML 305Page - Renesas Technology Corp SH7721 Datasheet HTML 306Page - Renesas Technology Corp SH7721 Datasheet HTML 307Page - Renesas Technology Corp SH7721 Datasheet HTML 308Page - Renesas Technology Corp SH7721 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 243 of 1458
REJ09B0033-0300
Section 8
Interrupt Controller (INTC)
The interrupt controller (INTC) determines the priority of interrupt sources and controls interrupt
requests to the CPU. The INTC registers set the priority of each interrupt, allowing the user to
process interrupt requests according to the user-set priority.
8.1
Features
• 16 levels of interrupt priority can be set
By setting the interrupt-priority registers, the priorities of on-chip peripheral modules, and IRQ
and PINT interrupts can be selected from 16 levels for individual request sources.
• NMI noise canceller function
An NMI input-level bit indicates the NMI pin state. By reading this bit in the interrupt
exception service routine, the pin state can be checked, enabling it to be used as a noise
canceller.
• IRQ interrupts can be set
Detection of low level, high level, rising edge, or falling edge
• Interrupt request signal can be externally output (IRQOUT pin)
By notifying the external bus master that the external interrupt and on-chip peripheral module
interrupt requests have been generated, the bus mastership can be requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com