Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 3850
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 42Page - Renesas Technology Corp 3850 Datasheet HTML 43Page - Renesas Technology Corp 3850 Datasheet HTML 44Page - Renesas Technology Corp 3850 Datasheet HTML 45Page - Renesas Technology Corp 3850 Datasheet HTML 46Page - Renesas Technology Corp 3850 Datasheet HTML 47Page - Renesas Technology Corp 3850 Datasheet HTML 48Page - Renesas Technology Corp 3850 Datasheet HTML 49Page - Renesas Technology Corp 3850 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 261 page
background image
3850/3851 Group User’s Manual
HARDWARE
1-31
Fig. 31 START/STOP condition detecting timing diagram
START/STOP Condition Detecting Operation
The START/STOP condition detection operations are shown in
Figures 28, 29, and Table 8. The START/STOP condition is set by
the START/STOP condition set bit.
The START/STOP condition can be detected only when the input
signal of the SCL and SDA pins satisfy three conditions: SCL re-
lease time, setup time, and hold time (see Table 8).
The BB flag is set to “1” by detecting the START condition and is
reset to “0” by detecting the STOP condition.
The BB flag set/reset timing is different in the standard clock mode
and the high-speed clock mode. Refer to Table 8, the BB flag set/
reset time.
Note: When a STOP condition is detected in the slave mode (MST = 0), an
interrupt request signal “IICIRQ” occurs to the CPU.
START Condition Generating Method
When writing “1” to the MST, TRX, and BB bits of the I2C status
register (address 002D16) at the same time after writing the slave
address to the I2C data shift register (address 002B16) with the
condition in which the ES0 bit of the I2C control register (address
002E16) is “1” and the BB flag is “0”, a START condition occurs.
After that, the bit counter becomes “0002” and an SCL for 1 byte is
output. The START condition generating timing is different in the
standard clock mode and the high-speed clock mode. Refer to
Figure 26, the START condition generating timing diagram, and
Table 6, the START condition generating timing table.
STOP Condition Generating Method
When the ES0 bit of the I2C control register (address 002E16) is
“1,” write “1” to the MST and TRX bits, and write “0” to the BB bit
of the I2C status register (address 002D16) simultaneously. Then a
STOP condition occurs. The STOP condition generating timing is
different in the standard clock mode and the high-speed clock
mode. Refer to Figure 27, the STOP condition generating timing
diagram, and Table 7, the STOP condition generating timing table.
Fig. 29 START condition generating timing diagram
Fig. 30 STOP condition generating timing diagram
Table 9 STOP condition generating timing table
Item
Setup time
Hold time
Standard clock mode
5.0
µs (20 cycles)
4.5
µs (18 cycles)
Note: Absolute time at
φ = 4 MHz. The value in parentheses denotes the
number of
φ cycles.
High-speed clock mode
3.0
µs (12 cycles)
2.5
µs (10 cycles)
Table 8 START condition generating timing table
Item
Setup time
Hold time
Standard clock mode
5.0
µs (20 cycles)
5.0
µs (20 cycles)
Note: Absolute time at
φ = 4 MHz. The value in parentheses denotes the
number of
φ cycles.
High-speed clock mode
2.5
µs (10 cycles)
2.5
µs (10 cycles)
Table 10 START condition/STOP condition detecting conditions
Note: Unit : Cycle number of system clock
φ
SSC value is the decimal notation value of the START/STOP condi-
tion set bits SSC4 to SSC0. Do not set “0” or an odd number to SSC
value. The value in parentheses is an example when the I2C START/
STOP condition control register is set to “1816” at
φ = 4 MHz.
Fig. 32 STOP condition detecting timing diagram
SCL release time
Standard clock mode
High-speed clock mode
4 cycles (1.0
µs)
2 cycles (1.0
µs)
2 cycles (0.5
µs)
3.5 cycles (0.875
µs)
SCC value + 1
2
SCC value + 1
2
SCC value –1
2
Setup time
Hold time
BB flag set/
reset time
SCC value + 1 cycle (6.25
µs)
cycle < 4.0
µs (3.125 µs)
cycle < 4.0
µs (3.125 µs)
+ 2 cycles (3.375
µs)
I2C status register
write signal
Hold time
Setup
time
SCL
SDA
I2C status register
write signal
Hold time
Setup
time
SCL
SDA
Hold time
Setup
time
SCL
SDA
BB flag
SCL release time
BB flag
reset
time
Hold time
Setup
time
SCL
SDA
BB flag
SCL release time
BB flag
reset
time
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com