Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 3850
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 59Page - Renesas Technology Corp 3850 Datasheet HTML 60Page - Renesas Technology Corp 3850 Datasheet HTML 61Page - Renesas Technology Corp 3850 Datasheet HTML 62Page - Renesas Technology Corp 3850 Datasheet HTML 63Page - Renesas Technology Corp 3850 Datasheet HTML 64Page - Renesas Technology Corp 3850 Datasheet HTML 65Page - Renesas Technology Corp 3850 Datasheet HTML 66Page - Renesas Technology Corp 3850 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 261 page
background image
1-48
3850/3851 Group User’s Manual
HARDWARE
Timing After Interrupt
The interrupt processing routine begins with the machine cycle fol-
lowing the completion of the instruction that is currently in
execution.
Figure 53 shows a timing chart after an interrupt occurs, and Fig-
ure 54 shows the time up to execution of the interrupt processing
routine.
Fig. 53 Timing chart after an interrupt occurs
Fig. 54 Time up to execution of the interrupt processing routine
: CPU operation code fetch cycle
: Vector address of each interrupt
: Jump destination address of each interrupt
: “0016” or “0116”
(All signals are internals.)
SYNC
BL, BH
AL, AH
SPS
Data bus
Not used
PCH
PCL
PS
AL
AH
Address bus
S, SPS
S-2, SPS
S-1, SPS
PC
BL
BH
AL, AH
SYNC
RD
WR
φ
FUNCTIONAL DESCRIPTION SUPPLEMENT
Generation of interrupt request
Main routine
Interrupt processing routine
7 to 23 cycles
(At performing 8.0 MHz, in high-speed mode,
1.75
µs to 5.75 µs)
2 cycles
5 cycles
Start of interrupt processing
0 to 16 cycles
Waiting time for
post-processing
of pipeline
Stack push and
Vector fetch
V
V : When executing the DIV instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com