Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 3850
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 29Page - Renesas Technology Corp 3850 Datasheet HTML 30Page - Renesas Technology Corp 3850 Datasheet HTML 31Page - Renesas Technology Corp 3850 Datasheet HTML 32Page - Renesas Technology Corp 3850 Datasheet HTML 33Page - Renesas Technology Corp 3850 Datasheet HTML 34Page - Renesas Technology Corp 3850 Datasheet HTML 35Page - Renesas Technology Corp 3850 Datasheet HTML 36Page - Renesas Technology Corp 3850 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 261 page
background image
1-18
3850/3851 Group User’s Manual
HARDWARE
Fig. 12 Interrupt control
Fig. 13 Structure of interrupt-related registers (1)
Interrupt disable flag (I)
Interrupt request
Interrupt request bit
Interrupt enable bit
BRK instruction
Reset
b7
b0
b7
b0
b7
b0
b7
b0
b7
b0
Interrupt edge selection register
(INTEDGE : address 003A16)
Interrupt request register 1
INT0 interrupt request bit
SCL/SDA interrupt request bit
INT1 interrupt request bit
INT2 interrupt request bit
INT3 interrupt request bit
I2C interrupt request bit
Timer X interrupt request bit
Timer Y interrupt request bit
Interrupt control register 1
INT0 interrupt enable bit
SCL/SDA interrupt enable bit
INT1 interrupt enable bit
INT2 interrupt enable bit
INT3 interrupt enable bit
I2C interrupt enable bit
Timer X interrupt enable bit
Timer Y interrupt enable bit
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16)
(ICON1 : address 003E16)
Interrupt request register 2
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Serial I/O reception interrupt request bit
Serial I/O transmit interrupt request bit
CNTR0 interrupt request bit
CNTR1 interrupt request bit
AD converter interrupt request bit
Not used (returns “0” when read)
(IREQ2 : address 003D16)
Interrupt control register 2
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
Serial I/O reception interrupt enable bit
Serial I/O transmit interrupt enable bit
CNTR0 interrupt enable bit
CNTR1 interrupt enable bit
AD converter interrupt enable bit
Not used (returns “0” when read)
(Do not write “1” to this bit)
0 : Interrupts disabled
1 : Interrupts enabled
(ICON2 : address 003F16)
0 : No interrupt request issued
1 : Interrupt request issued
0 : Interrupts disabled
1 : Interrupts enabled
INT0 active edge selection bit
INT1 active edge selection bit
INT2 active edge selection bit
INT3 active edge selection bit
Reserved(Do not write “1” to this bit)
Not used (returns “0” when read)
0 : Falling edge active
1 : Rising edge active
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com