Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 3850
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 24Page - Renesas Technology Corp 3850 Datasheet HTML 25Page - Renesas Technology Corp 3850 Datasheet HTML 26Page - Renesas Technology Corp 3850 Datasheet HTML 27Page - Renesas Technology Corp 3850 Datasheet HTML 28Page - Renesas Technology Corp 3850 Datasheet HTML 29Page - Renesas Technology Corp 3850 Datasheet HTML 30Page - Renesas Technology Corp 3850 Datasheet HTML 31Page - Renesas Technology Corp 3850 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 261 page
background image
3850/3851 Group User’s Manual
HARDWARE
1-13
Pin
Name
Input/Output
I/O Structure
Non-Port Function
Ref.No.
Table 4 I/O port function
Related SFRs
I/O PORTS
The I/O ports have direction registers which determine the input/
output direction of each individual pin. Each bit in a direction reg-
ister corresponds to one pin, and each pin can be set to be input
port or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin
becomes an output pin.
If data is read from a pin which is set to output, the value of the
port output latch is read, not the value of the pin itself. Pins set to
input are floating. If a pin set to input is written to, only the port
output latch is written to and the pin remains floating.
Port P0
Port P1
Port P3
Input/output,
individual
bits
CMOS compatible
input level
CMOS 3-state output
Sub-clock generating
circuit
CPU mode register
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
P00–P07
P10–P17
P20/XCOUT
P21/XCIN
P22/SDA1
P23/SCL1
P24/SDA2/RxD
P25/SCL2/TxD
Port P2
P26/SCLK
P27/CNTR0/SRDY
P30/AN0—
P34/AN4
P40/CNTR1
P41/INT0—
P43/INT2
P44/INT3/PWM
Port P4
CMOS compatible
input level
CMOS/SMBUS input
level (when selecting
I2C-BUS interface
function)
N-channel open-drain
output
CMOS compatible
input level
CMOS/SMBUS input
level (when selecting
I2C-BUS interface
function)
CMOS 3-state output
N-channel open-drain
output (when
selecting I2C-BUS
interface function)
CMOS compatible
input level
CMOS 3-state output
I2C-BUS interface func-
tion I/O
I2C-BUS interface func-
tion I/O
Serial I/O function I/O
Serial I/O function I/O
Serial I/O function I/O
Timer X function I/O
A-D conversion input
I2C control register
I2C control register
Serial I/O control
register
Serial I/O control
register
Serial I/O control
register
Timer XY mode register
A-D control register
Timer Y function I/O
External interrupt input
External interrupt input
PWM output
Timer XY mode register
Interrupt edge selection
register
Interrupt edge selection
register
PWM control register
(13)
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com