Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 3850
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 79Page - Renesas Technology Corp 3850 Datasheet HTML 80Page - Renesas Technology Corp 3850 Datasheet HTML 81Page - Renesas Technology Corp 3850 Datasheet HTML 82Page - Renesas Technology Corp 3850 Datasheet HTML 83Page - Renesas Technology Corp 3850 Datasheet HTML 84Page - Renesas Technology Corp 3850 Datasheet HTML 85Page - Renesas Technology Corp 3850 Datasheet HTML 86Page - Renesas Technology Corp 3850 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 261 page
background image
2-14
3850/3851 Group User’s Manual
APPLICATION
2.2 Timer
Fig. 2.2.12 Relevant registers setting
ICON1
Timer X interrupt: Enabled
1
IREQ1
TM
0
0
1
PREX
255
TX
255
b0
b7
b0
b7
b0
b7
b0
b7
b0
b7
TCSS
0
Timer X count source : f(X IN)/16
b0
b7
Timer count source selection register (address 28 16)
Timer XY mode register (address 23 16)
Timer X operating mode: Timer mode
Timer X count: Stop
Clear to “0” when starting count.
Prescaler X (address 24 16)
Timer X (address 25 16)
Set “division ratio – 1”
Interrupt control register 1 (address 3E 16)
Interrupt request register 1 (address 3C 16)
Timer X interrupt request
(becomes “1” at 250 ms intervals)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com