Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 3850
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 60Page - Renesas Technology Corp 3850 Datasheet HTML 61Page - Renesas Technology Corp 3850 Datasheet HTML 62Page - Renesas Technology Corp 3850 Datasheet HTML 63Page - Renesas Technology Corp 3850 Datasheet HTML 64Page - Renesas Technology Corp 3850 Datasheet HTML 65Page - Renesas Technology Corp 3850 Datasheet HTML 66Page - Renesas Technology Corp 3850 Datasheet HTML 67Page - Renesas Technology Corp 3850 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 261 page
background image
3850/3851 Group User’s Manual
HARDWARE
1-49
A-D Converter
A-D conversion is started by setting AD conversion completion bit
to “0”. During A-D conversion, internal operations are performed
as follows.
1. After the start of A-D conversion, A-D conversion register
goes to “0016”.
2. The highest-order bit of A-D conversion register is set to
“1”. and the comparison voltage Vref is input to the
comparator. Then, Vref is compared with analog input voltage
VIN.
3. As a result of comparison, when Vref < VIN, the highest-
order bit of A-D conversion register be- comes “1.” When
Vref > VIN, the highest-order bit becomes “0.”
By repeating the above operations up to the lowest-order bit of the
A-D conversion register, an analog value converts into a digital
value.
A-D conversion completes at 61 clock cycles (15.25
µs at f(XIN) =
8.0 MHz) after it is started, and the result of the conversion is
stored into the A-D conversion register.
Concurrently with the completion of A-D conversion, the A-D con-
version completion bit is set to “1” and an A-D conversion interrupt
request occurs, so that the AD conversion interrupt request bit is
set to “1”.
Relative formula for a reference voltage VREF of A-D converter and Vref
When n = 0
Vref = 0
When n = 1 to 1023
Vref =
! n
n : the value of A-D converter (decimal numeral)
VREF
1024
V1–V10: A result of the first to tenth comparison
Table 14 Change of A-D conversion register during A-D conversion
At start of conversion
First comparison
Second comparison
Third comparison
After completion of
tenth comparison
1
0
000
0
1
0
0
000
0
10
000
0
0
0
0
000
0
0
0
0
VREF
2
VREF
4
VREF
±
2
28
4
VREF
VREF
VREF
±±
A result of A-D conversion
V 1
V 1 V 2
VV
V
VV
VV
V
12
3
4
5
6
7
8
Change of A-D conversion register
Value of comparison voltage (Vref)
00
0
00
00
00
V 9 V10
2
1024
4
VREF
VREF
VREF
±±
± •••
••
•
••
•
••
•
FUNCTIONAL DESCRIPTION SUPPLEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com