Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 3850
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 64Page - Renesas Technology Corp 3850 Datasheet HTML 65Page - Renesas Technology Corp 3850 Datasheet HTML 66Page - Renesas Technology Corp 3850 Datasheet HTML 67Page - Renesas Technology Corp 3850 Datasheet HTML 68Page - Renesas Technology Corp 3850 Datasheet HTML 69Page - Renesas Technology Corp 3850 Datasheet HTML 70Page - Renesas Technology Corp 3850 Datasheet HTML 71Page - Renesas Technology Corp 3850 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 261 page
background image
3850/3851 Group User’s Manual
HARDWARE
1-53
FUNCTIONAL DESCRIPTION SUPPLEMENT
3850 group
Differences between 3850 and 3851 groups
3850 group MCUs do not have the built-in I2C-bus as in the 3851
group. Accordingly, the 3850 group does not have registers
relevent to I2C-bus interface for the SFR area. The structure of the
interrupt control registers also differs. The following is a list of reg-
isters which are not included in the 3850 Group.
(1) I2C data shift register (address 002B16)
(2) I2C address register (address 002C16)
(3) I2C status register (address 002D16)
(4) I2C control register (address 002E16)
Fix ES0 bit (bit3) to “0”.
(5) I2C clock control register (address 002F16)
(6) I2C START/STOP condition control register
(address 003016)
(7) SCL/SDA interrupt request bit (bit1) of Interrupt
request register 1 (address 003C16)
(8) I2C interrupt request bit (bit5) of Interrupt request
register 1 (address 003C16)
(9) SCL/SDA interrupt enable bit (bit1) of Interrupt control
register 1 (address 003E16)
Fix this bit to “0”.
(10) I2C interrupt enable bit (bit5) of Interrupt control
register 1 (address 003E16)
Fix this bit to “0”.
48K
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
128
192
256
RAM size (bytes)
384
512
640
768
896
1024
M38503M4/E4
Under development
M38504M6/E6
Mass production
M38503M2
Mass production
Fig. 59 Memory expansion plan of 3850 group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com