Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 104Page - Renesas Technology Corp 7477 Datasheet HTML 105Page - Renesas Technology Corp 7477 Datasheet HTML 106Page - Renesas Technology Corp 7477 Datasheet HTML 107Page - Renesas Technology Corp 7477 Datasheet HTML 108Page - Renesas Technology Corp 7477 Datasheet HTML 109Page - Renesas Technology Corp 7477 Datasheet HTML 110Page - Renesas Technology Corp 7477 Datasheet HTML 111Page - Renesas Technology Corp 7477 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 354 page
background image
HARDWARE
1-91
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
2
2
2
2
2 Communication format
The half-duplex data communication or the full-duplex data communication are available.
2
2
2
2
2 Synchronous clock
The internal clock or the external clock can be selected as a synchronous clock by bit 2 of the Serial
I/O mode register (SM: address 00DC16).
q The synchronous clock for the case where the internal clock is selected is shown below.
Notes 1: In the 7470 group, f(XCIN) is not available.
2: When selecting a divided signal of f(XCIN), set the system clock to the low-speed mode
by bit 7 of the CPU mode register.
q When the external clock is selected, the synchronous clock is an external clock input from the P16/
CLK pin.
Notes on external clock selection
q When writing data into the Serial I/O register, perform a write operation while the synchronous
clock is at “H.”
q The shift operation of the Serial I/O register is continued while the synchronous clock is input to
the Serial I/O circuit. When the external clock is selected, stop the synchronous clock at the end
of 8 cycles. (When the internal clock is selected, the synchronous clock stops automatically.)
q Set the “H” and “L” widths (TWH, TWL) of the pulse used as the external clock source to TWH, TWL
[s]
> 2/(system clock frequency [Hz]). For example, when the system clock is 8 MHz, use a clock
of 2 MHz or less (duty ratio 50 %).
2
2
2
2
2 Shift clock
Usually, when a clock synchronous transfer is performed between 2 microcomputers, one microcomputer
selects the internal clock and outputs the 8 shift clock pulses generated by a start of transfer
operation from the P16/CLK pin. The other microcomputer selects the external clock and uses the
clock input from the CLK pin as a synchronous clock.
2
2
2
2
2
__________
SRDY
signal, SARDY signal
__________
A Serial I/O transfer ready status can be known to the outside by outputting the SRDY signal and the
SARDY signal.
• f(XIN)/8
• f(XIN)/16
• f(XIN)/32
• f(XIN)/512
• f(XCIN)/8
• f(XCIN)/16
• f(XCIN)/32
• f(XCIN)/512
When the system clock is f(XIN)
When the system clock is f(XCIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com