Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 107Page - Renesas Technology Corp 7477 Datasheet HTML 108Page - Renesas Technology Corp 7477 Datasheet HTML 109Page - Renesas Technology Corp 7477 Datasheet HTML 110Page - Renesas Technology Corp 7477 Datasheet HTML 111Page - Renesas Technology Corp 7477 Datasheet HTML 112Page - Renesas Technology Corp 7477 Datasheet HTML 113Page - Renesas Technology Corp 7477 Datasheet HTML 114Page - Renesas Technology Corp 7477 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 354 page
background image
HARDWARE
1-94
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
[Transmit setting method]
1Clear the Serial I/O interrupt enable bit (bit 6 of the Interrupt control register 1) to “0.”
2Set the Serial I/O mode register according to “Table 1.13A.1.”
3When using the Serial I/O interrupt,
[1] Clear the Serial I/O interrupt request bit (bit 6 of the Interrupt request register 1) to “0.”
[2] Set the Serial I/O interrupt enable bit to “1.”
4Write transmit data into the Serial I/O register (address 00DD16).
Note: When the external clock is selected, perform a write operation while the synchronous clock is
at “H.”
Table 1.13A.1 shows a Serial I/O transmit setting.
Table 1.13A.1 Serial I/O transmit setting
Serial I/O mode register
(SM: Address 00DC16)
Bit
Setting value
Serial I/O port using
Serial I/O
Byte specification mode selection
____________________
P15/SOUT, SRDY pin output
format
(Note 3)
External clock
Internal clock
Serial I/O port (SOUT, CLK) (Note 2)
Ordinary port
_______________
SRDY
signal output
_______________
SRDY
signal
SARDY signal
Ordinary mode
Byte specification mode
CMOS output
N channel open drain output
Item
Register to be used
Synchronous clock selection
____________________
SRDY
signal output selection
____________________
SRDY
signal selection
Synchronous clock (at internal
clock selection)
(Note 1)
Notes 1: Select the internal clock as a synchronous clock in the following condition. In the 7470 group,
however, f(XCIN) is not available.
q When a divided signal of f(XIN) is selected, the system clock is f(XIN).
q When a divided signal of f(XCIN) is selected, the system clock is f(XCIN).
Select a system clock state by bit 7 of the CPU mode register.
2: When the ordinary port is switched over to the Serial I/O port, the Serial I/O interrupt request bit
may be set to “1.” Clear the Serial I/O interrupt request bit to “0” after one instruction or more
after switching the ordinary port over to the Serial I/O port.
3: When ordinary P17 is selected by bit 4 of the Serial I/O mode register, the CMOS output is
provided regardless of the set value of bit 7.
f(XIN)/8
f(XCIN)/8
f(XIN)/16
f(XCIN)/16
f(XIN)/32
f(XCIN)/32
f(XIN)/512
f(XCIN)/512
b1 • b0
b2
b3
b4
b5
b6
b7
00
01
10
11
0
1
1
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com