Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 127Page - Renesas Technology Corp 7477 Datasheet HTML 128Page - Renesas Technology Corp 7477 Datasheet HTML 129Page - Renesas Technology Corp 7477 Datasheet HTML 130Page - Renesas Technology Corp 7477 Datasheet HTML 131Page - Renesas Technology Corp 7477 Datasheet HTML 132Page - Renesas Technology Corp 7477 Datasheet HTML 133Page - Renesas Technology Corp 7477 Datasheet HTML 134Page - Renesas Technology Corp 7477 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 354 page
background image
HARDWARE
1-114
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
(2) Clock asynchronous Serial I/O
In case of the clock asynchronous Serial I/O (UART), the transmit operation of the transmit side and
the receive operation of the receive side are simultaneously executed by unifying the baud rate and
the transfer data format between both transmit side and receive side.
Figure 1.13B.6 shows a UART block diagram.
Fig. 1.13B.6 UART block diagram
1/4
1/4
P14
P15
P16
TXD
SCLK
RXD
1/16
1/16
ST/SP/PA occur
OE
PE
FE
Receive enable bit
(RE)
Serial I/O enable bit(SIOE)
Address 00E016
Receive buffer register
Receive shift register
Serial I/O control register
Address 00E216
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Clock control circuit
Serial I/O synchronous clock selection bit
(SCS)
Transmit shift completion flag (TSC)
Transmit interrupt request (TI)
Transmit buffer empty flag (TBE)
Serial I/O status register Address 00E116
Data bus
Address 00E016
Address 00E416
Transmit buffer register
Transmit shift register
Transmit interrupt source
selection bit (TIC)
Dividing ratio 1/(n+1)
Baud rate generator
BRG count source
selection bit (CSS)
Transmit enable bit (TE)
Data bus
Character length
selection bit (CHAS)
ST detected
7 bits
8 bits
SP detected
Character length
selection bit (CHAS)
UART control register
Address 00E316
XCIN
V: The 7477 group is not provided with the X
pin.
V
XIN
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com