Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 126Page - Renesas Technology Corp 7477 Datasheet HTML 127Page - Renesas Technology Corp 7477 Datasheet HTML 128Page - Renesas Technology Corp 7477 Datasheet HTML 129Page - Renesas Technology Corp 7477 Datasheet HTML 130Page - Renesas Technology Corp 7477 Datasheet HTML 131Page - Renesas Technology Corp 7477 Datasheet HTML 132Page - Renesas Technology Corp 7477 Datasheet HTML 133Page - Renesas Technology Corp 7477 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 354 page
background image
HARDWARE
1-113
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
[Clock synchronous Serial I/O receive setting method]
1Clear the Serial I/O receive interrupt enable bit (bit 5 of interrupt control register 1) to “0.”
2When selecting the internal clock, set the BRG value.
3Set the Serial I/O control register according to Table 1.13B.2.
4When using a Serial I/O receive interrupt
[1] Clear the Serial I/O receive interrupt request bit (bit 5 of interrupt request register 1) to “0.”
Note: When the ordinary port is switched over to the Serial I/O port, the Serial I/O receive
interrupt request bit may be set. Clear the Serial I/O receive interrupt request bit to “0”
after one instruction or more after switching the ordinary port over to the Serial I/O port.
[2] Set the Serial I/O receive interrupt enable bit to “1.”
5Set the following data into the Transmit buffer register (TB).
• Transmit data in the full-duplex data communication
• Arbitrary dummy data in the half-duplex data communication
Note: When the external clock is selected, perform a write operation while the synchronous
clock is at “H.”
Table 1.13B.2 Clock synchronous Serial I/O receive setting
Item
Serial I/O control register
(SIOCON: Address 00E216)
Bit
Setting value
Register to be used
Receive enable selection
Clock synchronous selection
Serial I/O enable selection
f(XIN)/4
f(XIN)/16
BRG output divided by 4
External clock input
Ordinary port
__________
SRDY
signal output (Note 2)
Disable (half-duplex data communication)
Enable (full-duplex data communication)
Receive enable
Clock synchronous
P14 to P17 function as Serial I/O pins
Notes 1: f(XCIN)/4 (setting value : 0), f(XCIN)/16 (setting value : 1) can be selected in the 7478
Group.
2:
__________
When the receive side performs an SRDY output by using an external clock, set the
__________
receive enable bit, the SRDY output enable bit, and the transmit enable bit to “1”
(transmit enable).
3: When the external clock is selected, write “1” in bit 4 (transmit enable bit) while the
synchronous clock is at “H.”
b0
b1
b2
b4
b5
b6
b7
0
1
0
1
0
1
0
1(Note 3)
1
1
1
BRG count source selection
(Note 1)
Synchronous clock selection
__________
SRDY
signal output selection
Transmit enable selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com