Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp 7477 Datasheet HTML 160Page - Renesas Technology Corp 7477 Datasheet HTML 161Page - Renesas Technology Corp 7477 Datasheet HTML 162Page - Renesas Technology Corp 7477 Datasheet HTML 163Page - Renesas Technology Corp 7477 Datasheet HTML 164Page - Renesas Technology Corp 7477 Datasheet HTML 165Page - Renesas Technology Corp 7477 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 354 page
background image
1-145
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.14 A-D converter
1.14.4 References
2 Definition of A-D conversion precision
The definition of A-D conversion precision is described.
Refer to the definition of A-D conversion precision shown in Figure 1.14.3.
(1) Relative precision
q Zero transition error (VOT)
Deviation of the input voltage, at which A-D conversion output data changes from “0” to “1,” from
the ideal A-D conversion characteristics between 0 and VREF
VOT = (VO –
2
× V
REF
)/1LSB [LSB]
q Full-scale transition error (VFST)
Deviation of the ideal A-D conversion characteristics between 0 and VREF of the input voltage
when the A-D conversion output data changes from “255” to “254”.
VFST = {(VREF –
3 × VREF ) – V254}/1LSB [LSB]
q Non-linearity error
Deviation of the real A-D conversion characteristics from the ideal characteristics between V0 and V254
Non-linearity error = {Vn – (1LSB
× n + VO)}/1LSB [LSB]
q Differential non-linearity error
Deviation of the input voltage required to change output data by “1” from the ideal characteristics
between V0 and V254
Differential non-linearity error = {(Vn+1 – Vn) – 1LSB}/1LSB [LSB]
(2) Absolute precision
q Absolute precision
Deviation of the real A-D conversion characteristic from the ideal characteristics between 0 and
VREF.
Absolute precision = {Vn – 1LSB
× (n + 1
2
)}/1LSB [LSB]
1
256
256
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com