Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp 7477 Datasheet HTML 160Page - Renesas Technology Corp 7477 Datasheet HTML 161Page - Renesas Technology Corp 7477 Datasheet HTML 162Page - Renesas Technology Corp 7477 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-142
HARDWARE
1.14 A-D converter
2
2 Conversion time
q After a start of A-D conversion, this A-D conversion terminates after 50 cycles (12.5
µs at f(XIN)
= 8 MHz).
q Main clock input oscillation frequency f(XIN)/2 is used as an operating clock for the A-D converter,
so the A-D conversion time can be basically obtained by the following expression.
A-D conversion time =
f(XIN)
× conversion cycle (50: cycles)
Note: Because the comparator is configurated by capacity coupling, use the A-D converter in the
following condition.
f(XIN)
> 1 MHz
Accordingly, use the A-D converter in the condition that bit 7 of the CPU mode register
(address 00FB16) is “0” (ordinary mode).
[Setting method]
In the 7470/7471 group
1 Clear the bit of the Port P2 direction register corresponding to the used analog input pin to “0”
(input mode).
2 Clear the port pull-up control bit corresponding to the used analog input pin to “0” (no pull-up).
3 Clear the A-D conversion interrupt request bit of the Interrupt request register 1 to “0.”
Note: After A-D conversion is started, the A-D conversion interrupt request bit is not cleared to “0”
automatically.
4 When using an A-D conversion interrupt, set the A-D conversion interrupt enable bit to “1” to
provide an interrupt enable state.
5 Set the A-D control register as follows.
q Select an analog input pin by the analog input pin selection bit.
q Set the VREF connection selection bit to “1” and connect VREF to a ladder resistor.
6 Wait for 1.0 µs or more as VREF stabilizing time.
7 Clear the A-D conversion end bit of the A-D control register to “0.” (With this setting, A-D conversion
is started.)
In the 7477/7478 group
1 Clear the A-D conversion interrupt request bit of the Interrupt request register 1 to “0.”
Note: After A-D conversion is started, the A-D conversion interrupt request bit is not cleared to “0”
automatically.
2 When using an A-D conversion interrupt, set the A-D conversion interrupt enable bit to “1” to
provide an interrupt enable state.
3 Set the A-D control register as follows.
q Select an analog input pin by the analog input pin selection bit.
q Clear the A-D conversion end bit to “0.” (With this setting, A-D conversion is started.)
Don't read the contents of the A-D conversion register during A-D conversion.
For register setting, refer to “Table 1.14.1 Setting at A-D Conversion.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com