Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 154Page - Renesas Technology Corp 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp 7477 Datasheet HTML 160Page - Renesas Technology Corp 7477 Datasheet HTML 161Page - Renesas Technology Corp 7477 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 354 page
background image
1-141
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.14 A-D converter
Likewise, bit 5 to bit 0 are determined according to comparison results of the 3rd to 8th
comparisons.
A digital value (contents of the A-D conversion register) corresponding to the analog input
voltage VIN is determined bit by bit by these operations.
Figure 1.14.2 shows the changes of the contents of the A-D conversion register and the reference
voltage during A-D conversion.
5 After completion of A-D conversion, bit 3 of the A-D control register is set to “1” and an interrupt
request is generated concurrently with the completion of A-D conversion.
Notes 1: An A-D conversion result can be obtained by reading the A-D conversion register after
bit 3 of the A-D control register is set to “1.”
2: The A-D conversion result is held in the A-D conversion register until bit 3 of the A-D
control register is set to “1” again after completion of the next A-D conversion.
Fig 1.14.2 Contents of A-D conversion register and reference voltage during A-D conversion
1 0000 0 0 0
12
10 0 0 00
1 000 0 0 0
1
1 23 4 567
1
VREF
2
VREF
512
–
VREF
2
VREF
4
VREF
512
–
±
VREF
2
VREF
4
VREF
8
VREF
512
–
±
±
0 0000 0 0 0
0
m
12 3 45 6 7 8
VREF
2
VREF
4
VREF
8
±
±
±
VREF
512
–
VREF
256
±
.......
m
.....
A-D conversion start
Contents of A-D conversion register
1st comparison start
2nd comparison start
3rd comparison start
8th comparison start
Reference voltage (V ref) [V]
Digital value corresponding
to analog input voltage
: Value determined by
m th (m=1 to 8) result
A-D conversion completion
(8th comparison completion)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com