Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp 7477 Datasheet HTML 160Page - Renesas Technology Corp 7477 Datasheet HTML 161Page - Renesas Technology Corp 7477 Datasheet HTML 162Page - Renesas Technology Corp 7477 Datasheet HTML 163Page - Renesas Technology Corp 7477 Datasheet HTML 164Page - Renesas Technology Corp 7477 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-144
HARDWARE
1.14 A-D converter
1.14.2 Pins
The pins used in the A-D converter are described below.
(1) Analog input pin (P20/IN0 to P27/IN7) (P20/IN0 to P23/IN3 in the 7470/7477 group)
q The analog input pin is an input pin for analog voltage.
q Apply a voltage of VSS (AVSS) - VREF to this pin.
q This pin is used in common with P20 to P27 (P20 to P23 in the 7470/7477 group).
When using the A-D converter, select a pin to be used as an analog input pin by bit 2 to bit 0 of
the A-D control register (ADCON: address 00D916).
Use the A-D converter in the following condition in the 7470/7471 group.
• When the bit of the Port P2 direction register, which corresponds to the used analog input pin,
is “0” (input mode)
• When the bit of the Pull-up control register, which corresponds to the used analog input pin, is
“0” (no pull-up)
(2) Reference voltage input pin (VREF)
q The reference voltage input pin is an input pin for reference voltage.
q Input a voltage of 0.5 VCC (
>2) - VCC [V].
(3) Analog power source input pin (AVSS)
q Analog power source input pin is an input pin for GND.
q Apply the same potential as the VSS pin to this pin.
q This pin is dedicated to the 56P6N-A package product of the 7471/7478 group.
1.14.3 Notes on use
When using the A-D converter, take the following points into consideration.
2 The comparator is configured by capacity coupling, so the charge is lost if the clock input oscillation
frequency is low.
q Set f(XIN) at 1 MHz or more during A-D conversion.
q Don’t execute the STP instruction during A-D conversion.
2 Apply a voltage of 0.5 VCC (>2) - VCC [V] to the reference voltage input pin VREF.
Note that if the reference voltage is lowered below the above valve, the A-D conversion precision will
be degraded.
2 Apply the same potential as that of the VSS pin to the analog power supply voltage input pin AVSS.
The AVSS pin is dedicated to the 56P6N-A package product of the 7471/7478 group.
2 In the 7470/7471 group, clear the bit of the Port P2 direction register which corresponds to the used
analog input pin to “0” (input mode).
2 In the 7470/7471 group, clear the bit of the Pull-up control register which corresponds to the used
analog input pin to “0” (no pull-up).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com