Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 153Page - Renesas Technology Corp 7477 Datasheet HTML 154Page - Renesas Technology Corp 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp 7477 Datasheet HTML 160Page - Renesas Technology Corp 7477 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-140
HARDWARE
1.14 A-D converter
1.14.1 A-D conversion method
The A-D conversion method is of successive approximation comparison.
The reference voltage Vref generated internally is compared with the analog input voltage VIN which is
input from the analog input pin (P20/IN0–P27/IN7), and its result is stored into each bit of the A-D conversion
register (address 00DA16) successively to obtain a digital value.
[Internal operation]
After A-D conversion is started, the following operations are automatically performed.
1 The contents of the A-D conversion register is set to “0016.”
2 The most significant bit (bit 7) of the A-D conversion register is set to “1.”
3 The reference voltage Vref is input to the comparator. The reference voltage Vref is specified by
the contents n of the A-D conversion register and the reference voltage VREF input from the VREF
pin.
An expression for the reference voltage Vref is shown below.
Relational expression between Vref and VREF
When n = 0
Vref = 0
When n = 1 to 255
Vref = VREF/256
× (n – 0.5)
n: The values of A-D conversion register (decimal notation)
4 The reference voltage Vref and the analog input voltage VIN are compared with 8 times. Upon
completion of each comparison, the comparison result is stored into the A-D conversion register.
As the A-D conversion register changes, the reference voltage V ref changes.
[1] Determination of the most significant bit (bit 7) of the A-D conversion register (in the 1st
comparison)
The reference voltage Vref and the analog input voltage VIN are compared. Bit 7 is determined
according to its result as follows.
If Vref < VIN , then bit 7 = “1.”
If Vref > VIN , then bit 7 = “0.”
[2] Determination of the bit 0 - 6 of the A-D conversion register (after the 2nd comparison).
First, bit 6 of the A-D conversion register is set to “1.” Next, the reference voltage Vref is
compared with the analog input voltage VIN. Bit 6 is determined according to its result as
follows.
If Vref < VIN , then bit 6 = “1.”
If Vref > VIN , then bit 6 = “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com