Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 151Page - Renesas Technology Corp 7477 Datasheet HTML 152Page - Renesas Technology Corp 7477 Datasheet HTML 153Page - Renesas Technology Corp 7477 Datasheet HTML 154Page - Renesas Technology Corp 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-138
HARDWARE
1.13 Serial I/O
(4) UART control register (UARTCON: Address 00E316)
The UART control register controls the UART transfer data format.
Figure 1.13B.16 shows a structure of UART control register.
Fig. 1.13B.16 Structure of UART control register
Each bit of the UART control register is described below.
2 Character length selection bit (CHAS, bit 0)
This bit selects a data bit length of the UART transfer data format.
• “0”: 8-bit length
• “1”: 7-bit length
2 Parity enable bit (PARE, bit 1)
This bit selects whether a parity check is made.
• “0”: No parity check (Parity error flag is invalid.)
• “1”: Parity check (Parity error flag is valid.)
2 Parity selection bit (PARS, bit 2)
This bit selects a parity type of the UART transfer data format.
• “0”: Even
• “1”: Odd
2 Stop bit length selection bit (STPS, bit 3)
This bit selects a stop bit length of the UART transfer data format.
• “0”: 1-stop bit
• “1”: 2-stop bit
b7 b6 b5 b4 b3 b2 b1 b0
UART control register (UARTCON) [Address
B
At reset RW
UART control register (7477/7478 group)
0
1
2
3
4
to
7
0
0
0
0
1
Name
Function
Character length
selection bit (CHAS)
0: 8 bits
1: 7 bits
Parity enable bit
(PARE)
0: Parity checking disabled
1: Parity checking enabled
Stop bit length
selection bit (STPS)
0: 1 stop bit
1: 2 stop bits
Nothing is allocated for these bits. These are write
disabled bits. When these bits are read out, the
values are “1.”
Parity selection bit
(PARS)
0: Even parity
1: Odd parity
!
1
111 1
00E316]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com