Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 152Page - Renesas Technology Corp 7477 Datasheet HTML 153Page - Renesas Technology Corp 7477 Datasheet HTML 154Page - Renesas Technology Corp 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp 7477 Datasheet HTML 158Page - Renesas Technology Corp 7477 Datasheet HTML 159Page - Renesas Technology Corp 7477 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 354 page
background image
1-139
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.14 A-D converter
Fig. 1.14.1 A-D converter block diagram
1.14 A-D converter
In the 7470/7471/7477/7478 group, the following A-D converter is incorporated.
q Analog input pins…… 7470/7477 group: 4 channels (in common with Port P2)
7471/7478 group: 8 channels (in common with Port P2)
q Conversion method… Successive approximation comparison
In the 7470/7471 group, when the A-D converter is not used, power dissipation can be suppressed by the
VREF switch. (The 7477/7478 group is not provided with this function.)
Figure 1.14.1 shows a block diagram of the A-D converter.
b4
b0
P20/IN0
P21/IN1
P22/IN2
P23/IN3
P24/IN4
P25/IN5
P26/IN6
P27/IN7
VSS
VREF
Data bus
(Note 2)
A-D control register
(Address 00D916)
Comparator
A-D control circuit
A-D conversion register
(Address 00DA16)
(Note 1)
Switch tree
Resistor ladder
A-D conversion
interrupt request
VREF switch (Note 2)
Notes 1. The 7470/7477 group is not provided with the P2 /IN4–P27/IN7 pins.
2. The 7477/7478 group is not provided with the V
switch and the V
connection selection bit
(bit 4) of the A-D control register.
REF
4
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com