Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 149Page - Renesas Technology Corp 7477 Datasheet HTML 150Page - Renesas Technology Corp 7477 Datasheet HTML 151Page - Renesas Technology Corp 7477 Datasheet HTML 152Page - Renesas Technology Corp 7477 Datasheet HTML 153Page - Renesas Technology Corp 7477 Datasheet HTML 154Page - Renesas Technology Corp 7477 Datasheet HTML 155Page - Renesas Technology Corp 7477 Datasheet HTML 156Page - Renesas Technology Corp 7477 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-136
HARDWARE
1.13 Serial I/O
Each bit of the Serial I/O control register is described below.
2 BRG count source selection bit (CSS, bit 0)
This bit selects a count source to be input to the BRG.
• “0”: f(XIN)/4
• “1”: f(XIN)/16
2 Serial I/O synchronous clock selection bit (SCS, bit 1)
This bit selects a synchronous clock to be used for the serial I/O.
q In the clock synchronous serial I/O
• “0”: The BRG output divided by 4 becomes a shift clock.
• “1”: The external clock (P16/SCLK pin input) becomes a synchronous clock.
q In the UART
• “0”: The BRG output divided by 16 becomes a shift clock.
• “1”: The external clock (P16/SCLK pin input) divided by 16 becomes a synchronous clock.
2
__________
SRDY
output enable bit (SRDY, bit 2)
__________
__________
__________
This bit selects whether the P17/SRDY pin is used as P17 or as serial I/O pin SRDY or SRDY output
disable.
q In the clock synchronous serial I/O
__________
• “0”: SRDY pin output disable (used as port P17)
__________
__________
• “1”: SRDY pin output enable (used as serial I/O pin SRDY)
q In the UART
__________
The P17/SRDY pin is used as P17 regardless of the value of this bit.
2 Transmit interrupt request selection bit (TIC, bit 3)
This bit determines a source for generating a transmit interrupt request.
• “0”: When the contents of the Transmit buffer register are transferred to the Transmit shift
register, a transmit interrupt request is generated.
• “1”: When the shift operation of the Transmit shift register terminates, a transmit interrupt
request is generated.
2 Transmit enable bit (TE, bit 4)
This bit controls a transmit operation.
q When the serial I/O enable bit (bit 7) is “0” (serial I/O disable)
The transmit enable bit is invalid.
q When the serial I/O enable bit (bit 7) is “1” (serial I/O disable)
The control shown in Table 1.13B.9 is exerted.
∗1: Bit 0 of Serial I/O status register
∗2: Bit 2 of Serial I/O status register
Transmit enable bit
0
1
Transmit buffer
empty flag∗1
Cleared to “0”
Flag function is valid.
Transmit shift
completion flag∗2
Cleared to “0”
Flag function is valid.
P15/TXD pin function
Port P15
Serial I/O data transmit pin TXD
Table 1.13B.9 Transmit enable bit function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com