Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 145Page - Renesas Technology Corp 7477 Datasheet HTML 146Page - Renesas Technology Corp 7477 Datasheet HTML 147Page - Renesas Technology Corp 7477 Datasheet HTML 148Page - Renesas Technology Corp 7477 Datasheet HTML 149Page - Renesas Technology Corp 7477 Datasheet HTML 150Page - Renesas Technology Corp 7477 Datasheet HTML 151Page - Renesas Technology Corp 7477 Datasheet HTML 152Page - Renesas Technology Corp 7477 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-132
HARDWARE
1.13 Serial I/O
Fig. 1.13B.14 Structure of Serial I/O status register
(2) Serial I/O status register (SIOSTS: Address 00E116)
The Serial I/O status register consists of flags for representing the buffer/register state to be used
for data transfer, and error flags.
q This register is a read-only type.
q Bit 7 is unused and “1” at a read operation.
Figure 1.13B.14 shows a structure of the Serial I/O status register.
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O status register (SIOSTS) [Address
B
At reset
R W
Serial I/O status register (7477/7478 group)
0
1
2
3
4
5
6
7
0
0
0
1
Name
Function
Transmit buffer
empty flag (TBE)
0 : Buffer full
1 : Buffer empty
Receive buffer full
flag (RBF)
0 : Buffer empty
1 : Buffer full
Transmit shift
completion flag (TSC)
0 : Transmit shift in progress
1 : Transmit shift completed
Overrun error flag
(OE)
0 : No error
1 : Overrun error
Parity error flag
(PE)
0 : No error
1 : Parity error
Framing error flag
(FE)
0 : No error
1 : Framing error
Nothing is allocated for this bit. This is a write
disabled bit. When this bit is read out, the value
is “1.”
Summing error
flag (SE)
0 : (OE) U (PE) U (FE) = 0
1 : (OE) U (PE) U (FE) = 1
1
1
!
!
!
0
0
!
!
0
!
0
!
!
00E116]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com