Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 142Page - Renesas Technology Corp 7477 Datasheet HTML 143Page - Renesas Technology Corp 7477 Datasheet HTML 144Page - Renesas Technology Corp 7477 Datasheet HTML 145Page - Renesas Technology Corp 7477 Datasheet HTML 146Page - Renesas Technology Corp 7477 Datasheet HTML 147Page - Renesas Technology Corp 7477 Datasheet HTML 148Page - Renesas Technology Corp 7477 Datasheet HTML 149Page - Renesas Technology Corp 7477 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 354 page
background image
1-129
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.13 Serial I/O
(5) Disabling transmission after transmission of 1-byte data
In the 7477/7478 group, it is possible to make reference to the transmit shift register completion flag
(TSC flag) to know that data has been transmitted.
The TSC flag is “0” during data transmission, and becomes “1” after data has been transmitted.
Accordingly, if data transmission is disabled at the time of confirmation of a change of the TSC flag
from “0” to “1,” data transmission can be terminated after 1-byte data is transmitted. However, the
TSC flag is also set to “1” when the serial I/O is enabled and does not become “0” until a synchronous
clock is generated and transmitted. For this reason, if data transmission is disabled by making
reference to the TSC flag at this time, data is not transmitted. Make reference to the TSC flag after
a start of data transmission.
The change of the TSC flag from “1” to “0” has a delay of 0.5 to 1.5 cycles of the synchronous clock.
(6) Re-setting the Serial I/O control register (SIOCON)
Re-set the Serial I/O control register after setting both transmit enable bit and receive enable bit to
“0” to re-set the transmit circuit and the receive circuit.
1 Clear both transmit enable bit (TE) and receive enable bit (RE) to “0.”
2 Set the bit 0 to bit 3 and bit 6 of the Serial I/O control register.
3 Set both transmit enable bit (TE) and receive enable bit (RE) to “1.”
(It is possible to set
2 and 3 simultaneously with the LDM instruction.)
(7) Stopping data transmit/receive
2 In the following cases, clear the transmit enable bit to “0” (transmit disable).
q To stop the transmit operation when data is transmitted in the clock synchronous serial I/O
q To stop the transmit operation when UART data is transmitted
q To stop only the transmit operation when UART data is transferred
2 In the following cases, clear receive enable bit (receive disable) or serial I/O enable bit to “0”
(serial I/O disable).
q To stop the receive operation when data is received in the clock synchronous serial I/O
2 In the following cases, clear the receive enable bit to “0.”
q To stop the receive operation when UART data is received.
q To stop only the receive operation when UART data is transferred.
2 In the following cases, clear both transmit enable bit and receive enable bit to “0” (transfer
disable) simultaneously.
q To stop the transmit operation and the receive operation when data is transferred in the clock
synchronous serial I/O
Note: When data is transferred in the clock synchronous serial I/O, it is impossible to stop only
the transmit operation or the receive operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com