Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9239 Datasheet HTML 31Page - Analog Devices AD9239 Datasheet HTML 32Page - Analog Devices AD9239 Datasheet HTML 33Page - Analog Devices AD9239 Datasheet HTML 34Page - Analog Devices AD9239 Datasheet HTML 35Page - Analog Devices AD9239 Datasheet HTML 36Page - Analog Devices AD9239 Datasheet HTML 37Page - Analog Devices AD9239 Datasheet HTML 38Page - Analog Devices AD9239 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AD9239
Rev. 0 | Page 35 of
40
Addr.
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Default
Notes/
Comments
0F
adc_input
(local)
Analog
disconnect
enable
1 = on
0 = off
(default)
VCM
enable
1 = on
0 = off
(default)
0x00
10
offset
(local)
6-bit Device Offset Adjustment[5:0]
011111 = +31 LSB
011110 = +30 LSB
011101 = +29 LSB
…
000010 = +2 LSB
000001 = +1 LSB
000000 = 0 LSB
111111 = −1 LSB
111110 = −2 LSB
111101 = −3 LSB
…
100001 = −31 LSB
100000 = −32 LSB
0x00
Device
offset
trim.
14
output_mode
(local/global)
Output
enable bar
(local)
1 = off
0 = on
(default)
Output
invert
(global)
enable
1 = on
0 = off
(default)
Data format select
(global)
00 = offset binary
(default)
01 = twos
complement
10 = gray code
0x00
Configures
the outputs
and the
format of
the data.
15
output_adjust
(global)
Output Drive
Current[1:0]
00 = 400 mV
(default)
01 = 500 mV
10 = 440 mV
11 = 320 mV
0x00
VCM output
adjustments.
18
vref
(global)
Ref_Vfs[4:0]
Reference full-scale adjust
10000 = 1.14 V p-p FS
10001 = 1.1575 V p-p FS
10010 = 1.175 V p-p FS
10011 = 1.1925 V p-p FS
…
11111 = 1.4025 V p-p FS
00000 = 1.42 V p-p FS
00001 = 1.4375 V p-p FS
…
01110 = 1.6825 V p-p FS
01111 = 1.7 V p-p FS
00h
Select
adjustments
for VREF.
19
user_
patt1_lsb
(local)
B7
B6
B5
B4
B3
B2
B1
B0
0xAA
User-defined
pattern,
1 LSB.
1A
user_
patt1_msb
(local)
B15
B14
B13
B12
B11
B10
B9
B8
0xAA
User-defined
pattern,
1 MSB
1B
user_
patt2_lsb
(local)
B7
B6
B5
B4
B3
B2
B1
B0
0xAA
User-defined
pattern,
2 LSB
1C
user_
patt2_msb
(local)
B15
B14
B13
B12
B11
B10
B9
B8
0xAA
User-defined
pattern,
2 MSB
1D
user_
patt3_lsb
(local)
B7
B6
B5
B4
B3
B2
B1
B0
0xAA
User-defined
pattern,
3 LSB
1E
user_
patt3_msb
(local)
B15
B14
B13
B12
B11
B10
B9
B8
0xAA
User-defined
pattern,
3 MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com