Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 5 Page - Analog Devices

  AD9239 Datasheet HTML 1Page - Analog Devices AD9239 Datasheet HTML 2Page - Analog Devices AD9239 Datasheet HTML 3Page - Analog Devices AD9239 Datasheet HTML 4Page - Analog Devices AD9239 Datasheet HTML 5Page - Analog Devices AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD9239
Rev. 0 | Page 5 of
40
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, 1.25 V p-p differential input, AIN = −1.0 dBFS, DCS enabled, unless
otherwise noted.
Table 3.
AD9239BCPZ-170
AD9239BCPZ-210
AD9239BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK–)
Logic Compliance
Full
LVPECL/LVDS/CMOS
LVPECL/LVDS/CMOS
LVPECL/LVDS/CMOS
Differential Input Voltage
Full
0.2
6
0.2
6
0.2
6
V p-p
Input Voltage Range
Full
AVDD −
0.3
AVDD +
1.6
AVDD −
0.3
AVDD +
1.6
AVDD −
0.3
AVDD +
1.6
V
Internal Common-Mode Bias
Full
1.2
1.2
1.2
V
Input Common-Mode Voltage
Full
1.1
AVDD
1.1
AVDD
1.1
AVDD
V
High Level Input Voltage (VIH)
Full
1.2
3.6
1.2
3.6
1.2
3.6
V
Low Level Input Voltage (VIL)
Full
0
0.8
0
0.8
0
0.8
V
High Level Input Current (IIH)
Full
−10
+10
−10
+10
−10
+10
μA
Low Level Input Current (IIL)
Full
−10
+10
−10
+10
−10
+10
μA
Differential Input Resistance
25°C
16
20
24
16
20
24
16
20
24
kΩ
Input Capacitance
25°C
4
4
4
pF
LOGIC INPUTS (PDWN, CSB, SDI/
SDIO, SCLK, RESET, PGMx)2
Logic 1 Voltage
Full
0.8 ×
AVDD
0.8 ×
AVDD
0.8 ×
AVDD
V
Logic 0 Voltage
Full
0.2 ×
AVDD
0.2 ×
AVDD
0.2 ×
AVDD
V
Logic 1 Input Current (CSB)
Full
0
0
0
μA
Logic 0 Input Current (CSB)
Full
−60
−60
−60
μA
Logic 1 Input Current
(SCLK, PDWN, SDI/SDIO,
RESET, PGMx)
Full
55
55
55
μA
Logic 0 Input Current
(SCLK, PDWN, SDI/SDIO,
RESET, PGMx)
Full
0
0
0
μA
Input Resistance
25°C
30
30
30
kΩ
Input Capacitance
25°C
4
4
4
pF
LOGIC OUTPUTS (SDO)
Logic 1 Voltage
Full
1.2
AVDD +
0.3
1.2
AVDD +
0.3
1.2
AVDD +
0.3
V
Logic 0 Voltage
Full
0
0.3
0
0.3
0
0.3
V
DIGITAL OUTPUTS
(DOUT + x, DOUT − x)
Logic Compliance
Current
mode
logic
Current
mode
logic
Current
mode
logic
Differential Output Voltage
Full
0.8
0.8
0.8
V
Common-Mode Level
Full
DRVDD/2
DRVDD/2
DRVDD/2
V
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and details on how these tests were completed.
2 Specified for 13 SDI/SDIO pins sharing the same connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com