Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9239 Datasheet HTML 21Page - Analog Devices AD9239 Datasheet HTML 22Page - Analog Devices AD9239 Datasheet HTML 23Page - Analog Devices AD9239 Datasheet HTML 24Page - Analog Devices AD9239 Datasheet HTML 25Page - Analog Devices AD9239 Datasheet HTML 26Page - Analog Devices AD9239 Datasheet HTML 27Page - Analog Devices AD9239 Datasheet HTML 28Page - Analog Devices AD9239 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AD9239
Rev. 0 | Page 25 of
40
Table 9. Flexible Output Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to Data
Format Select
0000
Off (default)
N/A
N/A
Yes
0001
Midscale short
1000 0000 0000
Same
Yes
0010
+Full-scale short
1111 1111 1111
Same
Yes
0011
−Full-scale short
0000 0000 0000
Same
Yes
0100
Checkerboard
1010 1010 1010
0101 0101 0101
No
0101
PN sequence long1
N/A
N/A
Yes
0110
PN sequence short1
N/A
N/A
Yes
0111
One-/zero-word toggle
1111 1111 1111
0000 0000 0000
No
1 All test mode options except PN sequence short and PN sequence long can support 8- to 14-bit word lengths in order to verify data capture to the receiver.
Register 14 allows the user to invert the digital outputs from
their nominal state. This is not to be confused with inverting
the serial stream to an LSB-first mode. In default mode, as
shown in Figure 2, the MSB is first in the data output serial
stream. However, this can be inverted so that the LSB is first in
the data output serial stream.
There are eight digital output test pattern options available that
can be initiated through the SPI. This feature is useful when
validating receiver capture and timing. Refer to Table 9 for the
output bit sequencing options available. Some test patterns have
two serial sequential words and can be alternated in various
ways, depending on the test pattern chosen. It should be noted
that some patterns do not adhere to the data format select
option. In addition, custom user-defined test patterns can be
assigned in the 0x19, 0x1A, 0x1B, 0x1C, 0x1D, 0x1E, 0x1F, and
0x20 register addresses.
The PN sequence short pattern produces a pseudorandom bit
sequence that repeats itself every 29 − 1 or 511 bits. A description
of the PN sequence and how it is generated can be found in
Section 5.1 of the ITU-T 0.150 (05/96) standard. The only
difference is that the starting value must be a specific value
instead of all 1s (see Table 10 for the initial values).
The PN sequence long pattern produces a pseudorandom bit
sequence that repeats itself every 223 − 1 or 8,388,607 bits. A
description of the PN sequence and how it is generated can be
found in Section 5.6 of the ITU-T 0.150 (05/96) standard. The
only differences are that the starting value must be a specific
value instead of all 1s (see Table 10 for the initial values) and the
AD9239 inverts the bit stream with relation to the ITU standard.
Table 10. PN Sequence
Sequence
Initial
Value
First Three Output Samples
(MSB First)
PN Sequence Short
0x0df
0xdf9, 0x353, 0x301
PN Sequence Long
0x29b80a
0x591, 0xfd7, 0x0a3
Consult the Memory Map section for information on how to
change these additional digital output timing features through
the SPI.
Digital Output Scrambler and Error Code Correction
The data from the AD9239 is sent serially in packets of 64 bits.
These numbers are derived from the necessity to have the output
data streaming at 16× the encode clock. The data packets consist
of a header, data, and error correction code (that is, 8 Bits of
Header + 48 Bits of Data (4 Conv.) + 8 Bits of ECC = 64 Bits).
The 12-bit protocol is shown in Figure 2 and Table 1.
Error Correction Code
The error correction code (ECC) is a Hamming code due to the
ease of implementation. Seven bits are used for the ECC to
correct one error or detect one or two errors during transmission.
The MSB of the ECC is always 0 and is not used to detect an
error. The six LSBs of the ECC are the result of the XORs of the
given bits (see Figure 68 to Figure 75). These bits allow for a
parity check for any bit in the header and data field.
The seventh parity bit is applied to the entire packet after the
Hamming parity bits are calculated. This parity check allows
correction of an error in the data or in the ECC bits.
In the general implementation, the parity bits are located in the
power of 2 positions, but are pulled from these locations and
placed together at the end of the packet. Figure 68 to Figure 75
show which header and data bits are associated with the parity bits.
In the receiver, these parity checks are performed and the
receiver parity bits are calculated. The difference between the
received parity bits and the calculated parity bits indicate which
bit was in error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com