Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 3 Page - Analog Devices

  AD9239 Datasheet HTML 1Page - Analog Devices AD9239 Datasheet HTML 2Page - Analog Devices AD9239 Datasheet HTML 3Page - Analog Devices AD9239 Datasheet HTML 4Page - Analog Devices AD9239 Datasheet HTML 5Page - Analog Devices AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD9239
Rev. 0 | Page 3 of
40
SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, 1.25 V p-p differential input, AIN = −1.0 dBFS, DCS enabled, unless
otherwise noted.
Table 1.
AD9239BCPZ-170
AD9239BCPZ-210
AD9239BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
25°C
−2
±12
−2
±12
−2
±12
mV
Offset Matching
25°C
4
12
4
12
4
12
mV
Gain Error
25°C
−2.8
+1
+4.7
−2.8
+1
+4.7
−2.8
+1
+4.7
% FS
Gain Matching
25°C
0.9
2.7
0.9
2.7
0.9
2.7
% FS
Differential Nonlinearity (DNL)
Full
±0.28
±0.6
±0.28
±0.6
±0.3
±0.6
LSB
Integral Nonlinearity (INL)
Full
±0.45
±0.9
±0.7
±1.3
±0.7
±1.3
LSB
ANALOG INPUTS
Differential Input Voltage Range2
Full
1.25
1.25
1.25
V p-p
Common-Mode Voltage
Full
1.4
1.4
1.4
V
Input Capacitance
25°C
2
2
2
pF
Input Resistance
Full
4.3
4.3
4.3
kΩ
Analog Bandwidth, Full Power
Full
780
780
780
MHz
Voltage Common Mode (VCMx)
Voltage Output
Full
1.4
1.44
1.5
1.4
1.44
1.5
1.4
1.44
1.5
V
Current Drive
Full
1
1
1
mA
Temperature Sensor Output
−1.12
−1.12
−1.12
mV/°C
Voltage Output
Full
739
737
734
mV
Current Drive
Full
10
10
10
μA
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD
Full
535
570
610
650
725
775
mA
IDRVDD
Full
98
105
111
120
123
133
mA
Total Power Dissipation
(Including Output Drivers)
Full
1.139
1.215
1.298
1.386
1.526
1.634
W
Power-Down Dissipation
Full
3
3
3
mW
Standby Dissipation2
Full
152
173
195
mW
CROSSTALK
Full
−95
−95
−95
dB
Overrange Condition3
Full
−90
−90
−90
dB
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and details on how these tests were completed.
2 AVDD/DRVDD, with link established.
3 Overrange condition is specified with 6 dB above the full-scale input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com