Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9239 Datasheet HTML 11Page - Analog Devices AD9239 Datasheet HTML 12Page - Analog Devices AD9239 Datasheet HTML 13Page - Analog Devices AD9239 Datasheet HTML 14Page - Analog Devices AD9239 Datasheet HTML 15Page - Analog Devices AD9239 Datasheet HTML 16Page - Analog Devices AD9239 Datasheet HTML 17Page - Analog Devices AD9239 Datasheet HTML 18Page - Analog Devices AD9239 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AD9239
Rev. 0 | Page 15 of
40
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
Figure 28. DNL, fIN = 9.7 MHz, fSAMPLE = 250 MSPS
40000
35000
30000
25000
20000
15000
10000
5000
0
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3 MORE
BIN
INPUT REFERRED NOISE: 0.72 LSB
Figure 29. Input-Referred Noise Histogram, fSAMPLE = 170 MSPS
40000
35000
30000
25000
20000
15000
10000
5000
0
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3 MORE
BIN
INPUT REFERRED NOISE: 0.70 LSB
Figure 30. Input-Referred Noise Histogram, fSAMPLE = 210 MSPS
40000
35000
30000
25000
20000
15000
10000
5000
0
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3 MORE
BIN
INPUT REFERRED NOISE: 0.71 LSB
Figure 31. Input-Referred Noise Histogram, fSAMPLE = 250 MSPS
0
–20
–40
–60
–80
–100
–120
–140
020
40
60
80
100
120
FREQUENCY (Hz)
NPR = 52dB
NOTCH = 18.9MHz
NOTCH WIDTH = 1MHz
Figure 32. Noise Power Ratio (NPR), fSAMPLE = 250 MSPS
90
85
80
75
70
65
60
55
50
45
40
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
ANALOG INPUT COMMON-MODE VOLTAGE (V)
SFDR (dBc)
SNR (dB)
Figure 33. SNR/SFDR vs. Analog Input Common-Mode Voltage,
fIN = 84.3 MHz, fSAMPLE = 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com