Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices AD9239 Datasheet HTML 10Page - Analog Devices AD9239 Datasheet HTML 11Page - Analog Devices AD9239 Datasheet HTML 12Page - Analog Devices AD9239 Datasheet HTML 13Page - Analog Devices AD9239 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD9239
Rev. 0 | Page 10 of
40
Pin No.
Mnemonic
Description
37
SDO
Serial Data Output. Used for 4-wire SPI interface.
38
SDI/SDIO
Serial Data Input/Serial Data IO for 3-Wire SPI Interface.
39
SCLK
Serial Clock.
40
CSB
Chip Select Bar.
44
VIN + A
ADC A Analog Input True.
45
VIN − A
ADC A Analog Input Complement.
47
VCM A
Common-Mode Output Voltage Reference (0.5 × AVDD).
50
PGM3
Optional Pin to be Programmed by Customer.
51
PGM2
Optional Pin to be Programmed by Customer.
52
PGM1
Optional Pin to be Programmed by Customer.
53
PGM0
Optional Pin to be Programmed by Customer.
56
VCM B
Common-Mode Output Voltage Reference (0.5 × AVDD).
58
VIN − B
ADC B Analog Input Complement.
59
VIN + B
ADC B Analog Input True.
67
VIN + C
ADC C Analog Input True.
68
VIN − C
ADC C Analog Input Complement.
70
VCM C
Common-Mode Output Voltage Reference (0.5 × AVDD).
1, 5, 6, 19, 36,
49, 54, 63, 72
NC
No Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com