Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9239 Datasheet HTML 2Page - Analog Devices AD9239 Datasheet HTML 3Page - Analog Devices AD9239 Datasheet HTML 4Page - Analog Devices AD9239 Datasheet HTML 5Page - Analog Devices AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices AD9239 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9239
Rev. 0 | Page 6 of
40
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, 1.25 V p-p differential input, AIN = –1.0 dBFS, DCS enabled, unless
otherwise noted.
Table 4.
AD9239BCPZ-170
AD9239BCPZ-210
AD9239BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK
Clock Rate
Full
170
100
210
100
250
100
MSPS
Clock Pulse Width High (tEH)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
Clock Pulse Width Low (tEL)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
DATA OUTPUT PARAMETERS
Data Output Period or UI
(DOUT + x, DOUT − x)
Full
1/(16 × fCLK)
1/(16 × fCLK)
1/(16 × fCLK)
sec
Data Output Duty Cycle
25°C
50
50
50
%
Data Valid Time
25°C
0.8
0.8
0.8
UI
PLL Lock Time (tLOCK)
25°C
4
4
4
μs
Wake-Up Time (Standby)
25°C
250
250
250
ns
Wake-Up Time (Power-Down)2
25°C
50
50
50
μs
Pipeline Latency
Full
40
40
40
CLK cycles
Data Rate per Channel (NRZ)
25°C
2.72
3.36
4.0
Gbps
Deterministic Jitter
25°C
10
10
10
ps max
Random Jitter
25°C
6
6
6
ps rms
Channel-to-Channel Bit Skew
25°C
0
0
0
sec
Channel-to-Channel Packet Skew3
25°C
+1
+1
+1
CLK cycles
Output Rise/Fall Time
25°C
50
50
50
ps
TERMINATION CHARACTERISTICS
Differential Termination Resistance
25°C
100
100
100
Ω
APERTURE
Aperture Delay (tA)
25°C
1.2
1.2
1.2
ns
Aperture Uncertainty (Jitter)
25°C
0.2
0.2
0.2
ps rms
OUT-OF-RANGE RECOVERY TIME
25°C
1
1
1
CLK cycles
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and details on how these tests were completed.
2 Receiver dependent.
3 See the
section.
Digital Start-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com