Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9239 Datasheet HTML 24Page - Analog Devices AD9239 Datasheet HTML 25Page - Analog Devices AD9239 Datasheet HTML 26Page - Analog Devices AD9239 Datasheet HTML 27Page - Analog Devices AD9239 Datasheet HTML 28Page - Analog Devices AD9239 Datasheet HTML 29Page - Analog Devices AD9239 Datasheet HTML 30Page - Analog Devices AD9239 Datasheet HTML 31Page - Analog Devices AD9239 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD9239
Rev. 0 | Page 28 of
40
Calculating the Parity Bits for the Hamming Code
The Hamming bits are defined as follows. The definition is
shown in the charts for a 12-bit example. The Hamming parity
bits are shown interleaved in the data. This makes it easier to
see the numeric relationship. The decoding on the receive side
is just the inversion. A separate document will show the proper
way to correct an error in the transmission.
The p8 bit (MSB of the parity bits) will always be 0. The p7 bit is
a parity bit for the entire packet after the other parity bits are
calculated.
h7
h6
h5
h4
h3
h2
h1
h0
D1
<11>
D1
<10>
D1
<9>
D1
<8>
D1
<7>
D1
<6>
D1
<5>
D1
<4>
D1
<3>
D1
<2>
D1
<1>
D1
<0>
D2
<11>
D2
<10>
D2
<9>
D2
<8>
D2
<7>
D2
<6>
D2
<5>
D2
<4>
D2
<3>
D2
<2>
D2
<1>
D2
<0>
D3
<11>
D3
<10>
D3
<9>
D3
<8>
D3
<7>
D3
<6>
D3
<5>
D3
<4>
D3
<3>
D3
<2>
D3
<1>
D3
<0>
D4
<11>
D4
<10>
D4
<9>
D4
<8>
D4
<7>
D4
<6>
D4
<5>
D4
<4>
D4
<3>
D4
<2>
D4
<1>
D4
<0>
0
p7
p6p5
p4p3p2
p1
Figure 68. 64-Bit Packet: 12-Bit Case
p7
p6
p5
h6
h7
h5
h4
h3
h2
h1
h0
D1
<11>
D1
<10>
D1
<9>
D1
<8>
D1
<7>
D1
<6>
D1
<5>
D1
<4>
D1
<3>
D1
<2>
D1
<1>
D1
<0>
D2
<11>
D2
<10>
D2
<9>
D2
<8>
D2
<7>
D2
<6>
D2
<5>
D2
<4>
D2
<3>
D2
<2>
D2
<1>
D2
<0>
D3
<11>
D3
<10>
D3
<9>
D3
<8>
D3
<7>
D3
<6>
D3
<5>
D3
<4>
D3
<3>
D3
<2>
D3
<1>
D3
<0>
D4
<11>
D4
<10>
D4
<9>
D4
<8>
D4
<7>
D4
<6>
D4
<5>
D4
<4>
D4
<3>
D4
<2>
D4
<1>
D4
<0>
p4
0
p3
p2
p1
Figure 69. 64-Bit Packet Hamming Template for 12-Bit Case
h7
h5
h3
h1
D1
<11>
D1
<9>
D1
<7>
D1
<5>
D1
<3>
D1
<1>
D2
<11>
D2
<9>
D2
<7>
D2
<5>
D2
<3>
D2
<1>
D2
<0>
D3
<10>
D3
<8>
D3
<6>
D3
<4>
D3
<2>
D3
<0>
D4
<10>
D4
<9>
D4
<7>
D4
<5>
D4
<3>
D4
<2>
D4
<0>
0p1
p1 = h7^h5^h3^h1^d1<11>^d1<9>^d1<7>^d1<5>^d1<3>^d1<1>^d2<11>^d2<9>^d2<7>^d2<5>^d2<3>^d2<1>^d2<0>
^d3<10>^d3<8>^d3<6>^d3<4>^d3<2>^d3<0>^d4<10>^d4<9>^d4<7>^d4<5>^d4<3>^d4<2>^d4<0>^0
Figure 70. p1 Bit for 64-Bit Packet: 12-Bit Case
h6
h7
h3
h2
D1
<11>
D1
<10>
D1
<7>
D1
<6>
D1
<3>
D1
<2>
D2
<11>
D2
<10>
D2
<7>
D2
<6>
D2
<3>
D2
<2>
D2
<0>
D3
<11>
D3
<8>
D3
<7>
D3
<4>
D3
<3>
D3
<0>
D4
<11>
D4
<9>
D4
<8>
D4
<5>
D4
<4>
D4
<2>
D4
<1>
0p2
p2 = h7^h6^h3^h2^d1<11>^d1<10>^d1<7>^d1<6>^d1<3>^d1<2>^d2<11>^d2<10>^d2<7>^d2<6>^d2<3>^d2<2>^
d2<0>^d3<11>^d3<8>^d3<7>^d3<4>^d3<3>^d3<0>^d4<11>^d4<9>^d4<8>^d4<5>^d4<4>^d4<2>^d4<1>^0
Figure 71. p2 Bit for 64-Bit Packet: 12-Bit Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com