Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 1 Page - Analog Devices

  AD9239 Datasheet HTML 1Page - Analog Devices AD9239 Datasheet HTML 2Page - Analog Devices AD9239 Datasheet HTML 3Page - Analog Devices AD9239 Datasheet HTML 4Page - Analog Devices AD9239 Datasheet HTML 5Page - Analog Devices AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS
Serial Output 1.8 V ADC
AD9239
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
4 ADCs in 1 package
Coded serial digital outputs with ECC per channel
On-chip temperature sensor
−95 dB channel-to-channel crosstalk
SNR = 65 dBFS with AIN = 85 MHz at 250 MSPS
SFDR = 77 dBc with AIN = 85 MHz at 250 MSPS
Excellent linearity
DNL = ±0.3 LSB (typical)
INL = ±0.7 LSB (typical)
780 MHz full power analog bandwidth
Power dissipation = 380 mW per channel at 250 MSPS
1.25 V p-p input voltage range, adjustable up to 1.5 V p-p
1.8 V supply operation
Clock duty cycle stabilizer
Serial port interface features
Power-down modes
Digital test pattern enable
Programmable header
Programmable pin functions (PGMx, PDWN)
APPLICATIONS
Communication receivers
Cable head end equipment/M-CMTS
Broadband radios
Wireless infrastructure transceivers
Radar/military-aerospace subsystems
Test equipment
FUNCTIONAL BLOCK DIAGRAM
AD9239
12
CHANNEL D
CHANNEL A
CHANNEL B
CHANNEL C
VIN + A
DOUT + A
DOUT – A
AVDD
PDWN
DRVDD
DRGND
12
VIN + B
VIN – B
DOUT + B
DOUT – B
12
VIN + C
DOUT + C
DOUT – C
12
VIN – A
VCM A
VCM B
VIN – C
VCM C
SCLK SDI/
SDIO
SDO
CSB
VIN + D
VIN – D
VCM D
TEMPOUT
DOUT + D
DOUT – D
PGM3
PGM2
PGM1
PGM0
RESET
SHA
SHA
SHA
SHA
BUF
BUF
BUF
BUF
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
SERIAL
PORT
CLK+ CLK–
DATA RATE
MULTIPLIER
RBIAS
REFERENCE
Figure 1.
GENERAL DESCRIPTION
The AD9239 is a quad, 12-bit, 250 MSPS analog-to-digital
converter (ADC) with an on-chip temperature sensor and a
high speed serial interface. It is designed to support digitizing
high frequency, wide dynamic range signals with an input
bandwidth up to 780 MHz. The output data are serialized and
presented in packet format, consisting of channel-specific
information, coded samples, and error correction code.
The ADC requires a single 1.8 V power supply and the input
clock may be driven differentially with a sine wave, LVPECL,
TTL, or LVDS. A clock duty cycle stabilizer allows high
performance at full speed with a wide range of clock duty
cycles. The on-chip reference eliminates the need for external
decoupling and can be adjusted by means of SPI control.
Various power-down and standby modes are supported. The
ADC typically consumes 145 mW per channel with the digital
link still in operation when standby operation is enabled.
Fabricated on an advanced CMOS process, the AD9239 is avail-
able in a Pb-free/RoHS-compliant, 72-lead LFCSP package. It is
specified over the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
Four ADCs are contained in a small, space-saving package.
2.
An on-chip PLL allows users to provide a single ADC
sampling clock, and the PLL distributes and multiplies up
to produce the corresponding data rate clock.
3.
Coded data rate supports up to 4.0 Gbps per channel.
Coding includes scrambling to ensure proper dc common
mode, embedded clock, and error correction.
4.
The AD9239 operates from a single 1.8 V power supply.
5.
Flexible synchronization schemes and programmable
mode pins.
6.
On-chip temperature sensor.


Similar Part No. - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
AD9239-250KITZ AD-AD9239-250KITZ Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
AD9239BCPZ-170 AD-AD9239BCPZ-170 Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
AD9239BCPZ-210 AD-AD9239BCPZ-210 Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
AD9239BCPZ-250 AD-AD9239BCPZ-250 Datasheet
1Mb / 41P
Serial Output 1.8 V ADC
Rev. E
More results

Similar Description - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9634 AD-AD9634 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9613 AD-AD9613 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com