Electronic Components Datasheet Search
  English  ▼

X  

AD9239 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9239 Datasheet HTML 19Page - Analog Devices AD9239 Datasheet HTML 20Page - Analog Devices AD9239 Datasheet HTML 21Page - Analog Devices AD9239 Datasheet HTML 22Page - Analog Devices AD9239 Datasheet HTML 23Page - Analog Devices AD9239 Datasheet HTML 24Page - Analog Devices AD9239 Datasheet HTML 25Page - Analog Devices AD9239 Datasheet HTML 26Page - Analog Devices AD9239 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AD9239
Rev. 0 | Page 23 of
40
Digital Start-Up Sequence
A 100 Ω differential termination resistor should be placed at each
receiver input to result in a nominal 800 mV p-p swing at the
receiver. Alternatively, single-ended 50 Ω termination can be
used. When single-ended termination is used, the termination
voltage should be DRVDD/2; otherwise, ac coupling capacitors
can be used to terminate to any single-ended voltage.
The output digital data from the AD9239 is coded and packetized,
which requires the device to have a certain start-up sequence.
The following steps should be initialized by the user to capture
coherent data at the receiving logic.
1.
Initialize a soft reset via Bit 5 of Register 0 (see Table 14).
The AD9239 digital outputs can interface with custom application-
specific integrated circuits (ASICs) and field-programmable gate
array (FPGA) receivers, providing superior switching performance
in noisy environments. Single point-to-point net topologies are
recommended with a single differential 100 Ω termination resistor
placed as close to the receiver logic as possible. The common mode
of the digital output automatically biases itself to half the supply
of the receiver (that is, the common-mode voltage is 0.9 V for a
receiver supply of 1.8 V) if dc-coupled connecting is used. For
receiver logic that is not within the bounds of the DRVDD supply,
an ac-coupled connection should be used. Simply place a 0.1 μF
capacitor on each output pin and derive a 100 Ω differential
termination close to the receiver side.
2.
All PGMx pins are automatically initialized as sync pins by
default. These pins can be used to lock the FPGA timing
and data capture during initial startup. These pins are
respective to each channel (PGM3 = Channel A).
3.
Each sync pin is held low until its respective PGMx pin
receives a high signal input from the receiver, during which
time the ADC outputs a training pattern.
4.
The training pattern defaults to the values implemented by
the user in Register 19 through Register 20.
5.
When the receiver finds the frame boundary, the sync
identification is deasserted high via the sync pin or via a
SPI write. The ADC outputs the valid data on the next packet
boundary. The time necessary for sync establishment is highly
dependent on the receiver logic processing. Refer to the
Switching Specifications section; the switching timing is
directly related to the ADC channel.
If there is no far-end receiver termination or there is poor
differential trace routing, timing errors may result. To avoid
such timing errors, it is recommended that the trace length be
less than 6 inches and that the differential output traces be close
together and at equal lengths.
6.
Once steady state operation for the device has occurred,
these pins can each be assigned to be a standby option by
using Register 53 (see Table 14). All other pins act as
universal sync pins.
100Ω
100Ω
DIFFERENTIAL
TRACE PAIR
DOUT + x
DRVDD
DOUT – x
VCM = DRVDD/2
OUTPUT SWING = 400mV p-p
RECEIVER
To minimize skew and time misalignment between each
channel of the digital outputs, the following actions should be
taken to ensure that each channel data packet is within ±1 clock
cycle of its specified switching time. For some receiver logic,
this is not required.
Figure 61. DC-Coupled Digital Output Termination Example
1.
Full power-down through external PDWN pin.
2.
Chip reset via external RESET pin.
100Ω
OR
100Ω
DIFFERENTIAL
TRACE PAIR
DOUT + x
DRVDD
VRXCM
DOUT – x
VCM = Rx VCM
OUTPUT SWING = 400mV p-p
0.1µF
0.1µF
RECEIVER
3.
Power back up by releasing external PDWN pin.
Digital Outputs and Timing
The AD9239 has differential digital outputs that power up on
default. The driver current is derived on chip and sets the output
current at each output equal to a nominal 8 mA. Each output
presents a 100 Ω dynamic internal termination to reduce unwanted
reflections
Figure 62. AC-Coupled Digital Output Termination Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com