Electronic Components Datasheet Search
  English  ▼

X  

ADP5501 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5501
Description  Programmable Current Backlight Driver with Ambient Light Sensor Input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5501 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5501 Datasheet HTML 2Page - Analog Devices ADP5501 Datasheet HTML 3Page - Analog Devices ADP5501 Datasheet HTML 4Page - Analog Devices ADP5501 Datasheet HTML 5Page - Analog Devices ADP5501 Datasheet HTML 6Page - Analog Devices ADP5501 Datasheet HTML 7Page - Analog Devices ADP5501 Datasheet HTML 8Page - Analog Devices ADP5501 Datasheet HTML 9Page - Analog Devices ADP5501 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP5501
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
PGND
2
SW
3
INT
4
SDA
5
SCL
6
NC
15 RST
16 VDDIO
17 CMP_IN
18 GND
14 LED0
13 LED2
TOP VIEW
(Not to Scale)
ADP5501
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD MUST BE CONNECTED
TO GROUND.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PGND
Power Switch Output to Ground.
2
SW
Power Switch Input.
3
INT
Processor Interrupt, Active Low, Open Drain. INT should be pulled up to VDDIO.
4
SDA
I2C-Compatible Serial Data Line (Open Drain Requires External Pull-Up) to VDDIO.
5
SCL
I2C-Compatible Serial Clock Line (Open Drain Requires External Pull-Up) to VDDIO.
6
NC
No Connect.
7
NC
No Connect.
8
NC
No Connect.
9
NC
No Connect.
10
NC
No Connect.
11
NC
No Connect.
12
LED1
LED 1 Current Sink. LED1 can be used with LED0 and LED2 as RGB.
13
LED2
LED 2 Current Sink. LED2 can be used with LED1 and LED0 as RGB.
14
LED0
LED 0 Current Sink. LED0 can be used with LED1 and LED2 as RGB.
15
RST
Reset Input, Active Low. This input signal resets the device to the power-up default conditions. It must be driven
low for a minimum of 75 μs (typical) to be valid.
16
VDDIO
Supply Voltage for the I/O Pin. The output pin can be 1.8 V to 3.3 V or VBAT, whichever is smaller. If VDDIO = 0,
the device goes into full shutdown mode.
17
CMP_IN
Input for Ambient Light Sensing.
18
GND
Ground.
19
GND
Ground.
20
CAP_OUT
Capacitor for Internal 2.7 V LDO. A 1 μF capacitor must be connected between this pin and ground. Do not use
this pin to supply external loads.
21
VBAT
Main Supply Voltage for the IC (2.7 V to 5.5 V).
22
BST
Overvoltage Monitor Input for the Boost Converter.
23
BL_SNK
Backlight Current Sink.
24
GND
Ground.
EPAD
The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com