Electronic Components Datasheet Search
  English  ▼

X  

ADP5501 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5501
Description  Programmable Current Backlight Driver with Ambient Light Sensor Input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5501 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5501 Datasheet HTML 15Page - Analog Devices ADP5501 Datasheet HTML 16Page - Analog Devices ADP5501 Datasheet HTML 17Page - Analog Devices ADP5501 Datasheet HTML 18Page - Analog Devices ADP5501 Datasheet HTML 19Page - Analog Devices ADP5501 Datasheet HTML 20Page - Analog Devices ADP5501 Datasheet HTML 21Page - Analog Devices ADP5501 Datasheet HTML 22Page - Analog Devices ADP5501 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADP5501
Rev. 0 | Page 19 of 28
REGISTER MAP
All registers are 0 on reset. Unused bits are read as 0.
Table 6.
Register
Address
Register Name
Register Description
0x00
MODE_STATUS
Sets the device operating mode; contains enables for backlight on/dim and top level interrupt status bits.
0x01
INTERRUPT_ENABLE
Contains enables for allowing interrupts to assert INT.
0x02
BL_CONTROL
Sets parameters relating to backlight control.
0x03
BL_TIME
Contains backlight off and dim timers.
0x04
BL_FADE
Contains backlight fade-in and fade-out timers.
0x05
DAYLIGHT_MAX
Sets the daylight (L1) maximum current.
0x06
DAYLIGHT_DIM
Sets the daylight (L1) dim current.
0x07
OFFICE_MAX
Sets the office (L2) maximum current.
0x08
OFFICE_DIM
Sets the office (L2) dim current.
0x09
DARK_MAX
Sets the dark (L3) maximum current.
0x0A
DARK_DIM
Sets the dark (L3) dim current.
0x0B
BL_VALUE
Read-only register of what the backlight is presently set to.
0x0C
ALS_CMPR_CFG
Sets enables and filters for ambient light sensor comparators; contains comparator output status bits.
0x0D
L2_TRIP
Sets the light sensor comparator (L2_CMPR) threshold point.
0x0E
L2_HYS
Sets the light sensor comparator (L2_CMPR) hysteresis.
0x0F
L3_TRIP
Sets the light sensor comparator (L3_CMPR) threshold point.
0x10
L3_HYS
Sets the light sensor comparator (L3_CMPR) hysteresis.
0x11
LED_SINK_CONTROL
Contains enables and configuration for the LED current sinks.
0x12
LED_TIME
Contains the on and off timers for the status LED current sinks.
0x13
LED_FADE
Contains the fade-in and fade-out timers for the status LED current sinks.
0x14
LED0_CURRENT
Sets the LED0 sink current.
0x15
LED1_CURRENT
Sets the LED1 sink current.
0x16
LED2_CURRENT
Sets the LED2 sink current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com