Electronic Components Datasheet Search
  English  ▼

X  

ADP5501 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5501
Description  Programmable Current Backlight Driver with Ambient Light Sensor Input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5501 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5501 Datasheet HTML 20Page - Analog Devices ADP5501 Datasheet HTML 21Page - Analog Devices ADP5501 Datasheet HTML 22Page - Analog Devices ADP5501 Datasheet HTML 23Page - Analog Devices ADP5501 Datasheet HTML 24Page - Analog Devices ADP5501 Datasheet HTML 25Page - Analog Devices ADP5501 Datasheet HTML 26Page - Analog Devices ADP5501 Datasheet HTML 27Page - Analog Devices ADP5501 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP5501
Rev. 0 | Page 24 of 28
Table 21. Register 0x0E, Level 2 (Office) Comparator Hysteresis (L2_HYS)
Bit
Name
R/W
Description
6 to 0
L2_HYS
R/W
Sets the hysteresis value for Comparator L2_CMPR. If ambient light levels increase above L2_TRIP + L2_HYS,
L2_OUT is cleared. Each code is equal to 4 μA (typical). Full scale is 1000 μA (typical).
Table 22. Register 0x0F, Level 3 (Dark) Comparator Trip Point (L3_TRIP)
Bit
Name
R/W
Description
6 to 0
L3_TRIP
R/W
Sets the trip value for Comparator L3_CMPR. If ambient light levels fall below this trip point, L3_OUT is
set. Each code is equal to 0.5 μA (typical). Full scale is 127 μA (typical).
Table 23. Register 0x10, Level 3 (Dark) Comparator Hysteresis (L3_HYS)
Bit
Name
R/W
Description
6 to 0
L3_HYS
R/W
Sets the hysteresis value for Comparator L3_CMPR. If ambient light levels increase above L3_TRIP + L3_HYS,
L3_OUT is cleared. Each code is equal to 0.5 μA (typical). Full scale is 127 μA (typical).
Table 24. Register 0x11, LED Control (LED_SINK_CONTROL)
Bit
Name
R/W
Description
7 to 4
Not used
3
LED_LAW
R/W
LED current sink fade-on/fade-off transfer characteristic.
0 = linear.
1 = square.
2
LED2_EN
R/W
0 = LED2 sink is disabled.
1 = LED2 sink is enabled.
1
LED1_EN
R/W
0 = LED1 sink is disabled.
1 = LED1 sink is enabled.
0
LED0_EN
R/W
0 = LED0 sink is disabled.
1 = LED0 sink is enabled.
Table 25. Register 0x12, LED On and Off Timers (LED_TIME)
Bit
Name
R/W
Description
7 to 6
LED_ONT
R/W
Sets the LED on time when used in conjunction with the LEDx_OFFT timer to perform LED blinking. All
three LED sinks share this common timer.
00 = 0.2 sec.
01 = 0.6 sec.
10 = 0.8 sec.
11 = 1.2 sec.
5 to 4
LED2_OFFT
R/W
Sets the LED2 off time when used in conjunction with the LED_ONT timer to perform LED blinking. LED2
stays on continuously if the timer is disabled.
00 = LED2 timer is disabled.
01 = 0.6 sec.
10 = 0.8 sec.
11 = 1.2 sec.
3 to 2
LED1_OFFT
R/W
Sets the LED1 off time when used in conjunction with the LED_ONT timer to perform LED blinking. LED1
stays on continuously if the timer is disabled.
00 = LED1 timer is disabled.
01 = 0.6 sec.
10 = 0.8 sec.
11 = 1.2 sec.
1 to 0
LED0_OFFT
R/W
Sets the LED0 off time when used in conjunction with the LED _ONT timer to perform LED blinking.
LED0 stays on continuously if the timer is disabled.
00 = LED0 timer is disabled.
01 = 0.6 sec.
10 = 0.8 sec.
11 = 1.2 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com