Electronic Components Datasheet Search
  English  ▼

X  

ADP5501 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5501
Description  Programmable Current Backlight Driver with Ambient Light Sensor Input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5501 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5501 Datasheet HTML 19Page - Analog Devices ADP5501 Datasheet HTML 20Page - Analog Devices ADP5501 Datasheet HTML 21Page - Analog Devices ADP5501 Datasheet HTML 22Page - Analog Devices ADP5501 Datasheet HTML 23Page - Analog Devices ADP5501 Datasheet HTML 24Page - Analog Devices ADP5501 Datasheet HTML 25Page - Analog Devices ADP5501 Datasheet HTML 26Page - Analog Devices ADP5501 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADP5501
Rev. 0 | Page 23 of 28
Table 15. Register 0x08, Level 2 (Office) Dim Current (OFFICE_DIM)
Bit
Name
R/W
Description
7
Not used
6 to 0
OFFICE_DIM
R/W
Dim current setting for the backlight when BL_LVL is at Level 2 (office).
See Figure 16 for the backlight current vs. sink code relationship.
Table 16. Register 0x09, Level 3 (Dark) Maximum Current (DARK_MAX)
Bit
Name
R/W
Description
7
Not used
6 to 0
DARK_MAX
R/W
Maximum current setting for the backlight when BL_LVL is at Level 3 (dark).
See Figure 16 for the backlight current vs. sink code relationship.
Table 17. Register 0x0A, Level 3 (Dark) Dim Current (DARK_DIM)
Bit
Name
R/W
Description
7
Not used
6 to 0
DARK_DIM
R/W
Dim current setting for the backlight when BL_LVL is at Level 3 (dark).
See Figure 16 for the backlight current vs. sink code relationship.
Table 18. Register 0x0B, Backlight Current Value (BL_VALUE)
Bit
Name
R/W
Description
7
Not used
6 to 0
BL_VALUE
R
Read-only register that contains the present value to which the backlight is programmed.
Table 19. Register 0x0C, Light Sensor Comparator Configuration (ALS_CMPR_CFG)
Bit
Name
R/W
Description
7 to 5
FILT
R/W
Light sensor filter time.
000 = 0.08 sec.
001 = 0.16 sec.
010 = 0.32 sec.
011 = 0.64 sec.
100 = 1.28 sec.
101 = 2.56 sec.
110 = 5.12 sec.
111 = 10.24 sec.
4
FORCE_RD
R/W
Forces the light sensor comparator to perform a single conversion.
This bit is cleared by the internal state machine once the conversion is complete.
3
L3_OUT
R
0 = ambient light is greater than Level 3 (dark).
1 = the light sensor comparator has detected a change in ambient light from Level 2 (office) to Level
3 (dark).
2
L2_OUT
R
0 = ambient light is greater than Level 2 (office).
1 = the light sensor comparator has detected a change in ambient light from Level 1 (daylight) to
Level 2 (office).
1
L3_EN
R/W
0 = disable Comparator L3_CMPR .
1 = enable Comparator L3_CMPR. If automatic backlight adjustment is required, BL_AUTO_ADJ
must be set also.
0
L2_EN
R/W
0 = disable Comparator L2_CMPR.
1 = enable Comparator L2_CMPR. If automatic backlight adjustment is required, BL_AUTO_ADJ
must be set also.
Table 20. Register 0x0D, Level 2 (Office) Comparator Trip Point (L2_TRIP)
Bit
Name
R/W
Description
6 to 0
L2_TRIP
R/W
Sets the trip value for Comparator L2_CMPR. If ambient light levels fall below this trip point, L2_OUT
is set. Each code is equal to 4 μA (typical). Full scale is 1000 μA (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com