Electronic Components Datasheet Search
  English  ▼

X  

ADP5501 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5501
Description  Programmable Current Backlight Driver with Ambient Light Sensor Input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5501 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5501 Datasheet HTML 14Page - Analog Devices ADP5501 Datasheet HTML 15Page - Analog Devices ADP5501 Datasheet HTML 16Page - Analog Devices ADP5501 Datasheet HTML 17Page - Analog Devices ADP5501 Datasheet HTML 18Page - Analog Devices ADP5501 Datasheet HTML 19Page - Analog Devices ADP5501 Datasheet HTML 20Page - Analog Devices ADP5501 Datasheet HTML 21Page - Analog Devices ADP5501 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP5501
Rev. 0 | Page 18 of 28
COMMUNICATON INTERFACE
Communication with the ADP5501 is done via its I2C-
compatible serial interface. Figure 41 shows a typical write
sequence for programming an internal register.
1.
The cycle begins with a start condition, followed by the
chip write address (0x64).
2.
The ADP5501 acknowledges the chip write address byte by
pulling the data line low.
3.
The address of the register to which data is to be written is
sent next.
4.
The ADP5501 acknowledges the register address byte by
pulling the data line low.
5.
The data byte to be written to is sent next.
6.
The ADP5501 acknowledges the data byte by pulling the
data line low.
7.
A stop condition completes the sequence.
Figure 42 shows a typical read sequence for reading back an
internal register.
1.
The cycle begins with a start condition, followed by the
chip write address (0x64).
2.
The ADP5501 acknowledges the chip write address byte by
pulling the data line low.
3.
The address of the register from which data is to be read is
sent next.
4.
The ADP5501 acknowledges the register address byte by
pulling the data line low.
5.
The cycle continues with a repeat start, followed by the
chip read address (0x65).
6.
The ADP5501 acknowledges the chip read address byte by
pulling the data line low.
7.
The ADP5501 places the contents of the previously
addressed register on the bus for readback.
8.
There is a no acknowledge following the readback data
byte, and the cycle is completed with a stop condition.
10
10
1
00
0
000
CHIP ADDRESS
REGISTER ADDRESS
ADP5501 RECEIVES DATA
0 = WRITE
ST
SP
Figure 41. I2C Write Sequence
10
10
1
00
0
1
0
10
1
00
0
00
CHIP ADDRESS
REGISTER ADDRESS
CHIP ADDRESS
ADP5501 SENDS DATA
0 = WRITE
1 = READ
ST
ST
1
SP
Figure 42. I2C Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com