Electronic Components Datasheet Search
  English  ▼

X  

ADP5501 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5501
Description  Programmable Current Backlight Driver with Ambient Light Sensor Input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5501 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5501 Datasheet HTML 3Page - Analog Devices ADP5501 Datasheet HTML 4Page - Analog Devices ADP5501 Datasheet HTML 5Page - Analog Devices ADP5501 Datasheet HTML 6Page - Analog Devices ADP5501 Datasheet HTML 7Page - Analog Devices ADP5501 Datasheet HTML 8Page - Analog Devices ADP5501 Datasheet HTML 9Page - Analog Devices ADP5501 Datasheet HTML 10Page - Analog Devices ADP5501 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADP5501
Rev. 0 | Page 7 of 28
40
0246
8
10 12 14 16 18 20 22 24 26 28 30
BACKLIGHT CURRENT (mA)
TYPICAL PERFORMANCE CHARACTERISTICS
VBAT = 3.6 V, TA = 25°C, unless otherwise noted. Inductor = LPS4012-472MLB. Schottky rectifier = MBR140SFT1G.
90
85
80
75
70
65
60
55
50
45
6 LEDs, VBAT = 3.0V
6 LEDs, VBAT = 3.6V
6 LEDs, VBAT = 4.2V
6 LEDs, VBAT = 5.5V
48
40
32
24
16
8
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VBAT (V)
TEMP = –40°C
TEMP = +25°C
TEMP = +85°C
Figure 4. Efficiency vs. Backlight Current (6 LEDs)
90
85
80
75
70
65
60
55
50
45
40
0246
8
10 12 14 16 18 20 22 24 26 28 30
BACKLIGHT CURRENT (mA)
6 LEDs, VBAT = 3.6V
5 LEDs, VBAT = 3.6V
4 LEDs, VBAT = 3.6V
40
0246
8
10 12 14 16 18 20 22 24 26 28 30
BACKLIGHT CURRENT (mA)
Figure 5. Efficiency vs. Backlight Current (4, 5, and 6 LEDs)
90
85
80
75
70
65
60
55
50
45
6 LEDs, VBAT = 4.2V
6 LEDs, VBAT = 4.2V,
AUTOLOAD-ENABLED
Figure 6. Efficiency vs. Backlight Current (Autoload On/Off)
Figure 7. Standby Supply Current vs. VBAT
16
14
12
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
AUX LED PIN VOLTAGE (V)
Figure 8. Typical Auxiliary LED Pin (LED0, LED1, LED2), Full-Scale
Sink Current vs. Applied Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com