Electronic Components Datasheet Search
  English  ▼

X  

ADP5501 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5501
Description  Programmable Current Backlight Driver with Ambient Light Sensor Input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5501 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5501 Datasheet HTML 20Page - Analog Devices ADP5501 Datasheet HTML 21Page - Analog Devices ADP5501 Datasheet HTML 22Page - Analog Devices ADP5501 Datasheet HTML 23Page - Analog Devices ADP5501 Datasheet HTML 24Page - Analog Devices ADP5501 Datasheet HTML 25Page - Analog Devices ADP5501 Datasheet HTML 26Page - Analog Devices ADP5501 Datasheet HTML 27Page - Analog Devices ADP5501 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADP5501
Rev. 0 | Page 27 of 28
Component Selection
The ADP5501 boost converter is designed for use with a 4.7 μH
inductor. Choose an inductor with a sufficient current rating to
prevent it from going into saturation. The peak current limit of
the ADP5501 is 750 mA (maximum), so choose an inductor
with a greater saturation rating. To maximize efficiency, choose
an inductor with a low series resistance (DCR).
The ADP5501 is an asynchronous boost and, as such, requires
an external Schottky diode to conduct the inductor current to
the output capacitor and LED string when the power switch is
off. Ensure that the Schottky diode peak current rating is greater
than the maximum inductor current. Choose a Schottky diode
with an average current rating that is significantly larger than
the maximum LED current. To prevent thermal runaway, derate
the Schottky diode to ensure reliable operation at high junction
temperatures. To maximize efficiency, select a Schottky diode
with a low forward voltage. When the power switch is on, the
Schottky diode blocks the dc path from the output capacitor to
ground. Therefore, choose a Schottky diode with a reverse
breakdown greater than the maximum boost voltage. A 40 V,
1 A Schottky diode is recommended.
The input capacitor carries the input ripple current, allowing
the input power source to supply only the dc current. Use an
input capacitor with sufficient ripple current rating to handle
the inductor ripple. A 1 μF X5R/X7R ceramic capacitor rated
for 16 V dc bias is recommended for the input capacitance.
The output capacitor maintains the output voltage when the
Schottky diode is not conducting. Due to the high levels of
boost voltage required, a 1 μF X5R/X7R ceramic capacitor rated
for 50 V dc bias is recommended for output capacitance.
Note that dc bias characterization data is available from
capacitor manufacturers and should be taken into account
when selecting input and output capacitors.
PCB LAYOUT
Good PCB layout is important to maximize efficiency and to
minimize noise and electromagnetic interference (EMI). To
minimize large current loops, place the input capacitor, inductor,
Schottky diode, and output capacitor as close as possible to each
other and to the ADP5501 using wide tracks (use shapes where
possible).
For thermal relief, the exposed pad of the LFCSP package
should be connected to ground (GND). PGND and GND
should be connected to each other at the bottom of the output
capacitor.
Figure 46 shows an example PCB layout with the main power
components required for backlight driving
EXAMPLE CIRCUIT
1
PGND
21
VBAT
1µF
2.7V TO 5.5V
1µF
4.7µH
16
VDDIO
5
SCL
4
SDA
3
INT
15
RST
ADP5501
3.3V
2
SW
22
BST
23
BL_SNK
20
CAP_OUT
13
LED2
6
NC
7
NC
8
NC
9
NC
10
NC
11
NC
12
LED1
14
LED0
3.3V
1µF
19
18
24
GND
GND
GND
3.3V
100nF
17
CMP_IN
RGB
Figure 45. Typical Configuration Circuit
GND
VBAT
GND
GND
GND
CMP_IN
PGND
SW
INT
SDA
SCL
NC
ADP
VDDIO
RST
LED0
LED2
5501
CONNE
EXPO
PAD TO
TOP OF LED STRING
BOTTOM OF LED STRIN
CT
SED
GND
G
SOLUTION SIZE
APPROXIMATELY 47mm2
Figure 46. Example PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com