Electronic Components Datasheet Search
  English  ▼

X  

3681 Datasheet(PDF) 8 Page - Linear Technology

Part # 3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3681 Datasheet(HTML) 8 Page - Linear Technology

Back Button 3681 Datasheet HTML 4Page - Linear Technology 3681 Datasheet HTML 5Page - Linear Technology 3681 Datasheet HTML 6Page - Linear Technology 3681 Datasheet HTML 7Page - Linear Technology 3681 Datasheet HTML 8Page - Linear Technology 3681 Datasheet HTML 9Page - Linear Technology 3681 Datasheet HTML 10Page - Linear Technology 3681 Datasheet HTML 11Page - Linear Technology 3681 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3681
8
3681f
The LT3681 is a constant frequency, current mode step-
down regulator. An oscillator, with frequency set by RT,
sets an RS flip-flop, turning on the internal power switch.
An amplifier and comparator monitor the current flowing
between the VIN and SW pins, turning the switch off when
this current reaches a level determined by the voltage at
VC. An error amplifier measures the output voltage through
an external resistor divider tied to the FB pin and servos
the VC pin. If the error amplifier’s output increases, more
current is delivered to the output; if it decreases, less cur-
rent is delivered. An active clamp on the VC pin provides
current limit. The VC pin is also clamped to the voltage on
the RUN/SS pin; soft-start is implemented by generating a
voltage ramp at the RUN/SS pin using an external resistor
and capacitor.
An internal regulator provides power to the control cir-
cuitry. The bias regulator normally draws power from the
VIN pin, but if the BIAS pin is connected to an external
voltage higher than 3V bias power will be drawn from the
external source (typically the regulated output voltage).
This improves efficiency. The RUN/SS pin is used to place
the LT3681 in shutdown, disconnecting the output and
reducing the input current to less than 1µA.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor is used to generate
a voltage at the BOOST pin that is higher than the input
supply. This allows the driver to fully saturate the internal
bipolar NPN power switch for efficient operation.
To further optimize efficiency, the LT3681 automatically
switches to Burst Mode operation in light load situations.
Between bursts, all circuitry associated with controlling
the output switch is shut down reducing the input supply
current to 55µA in a typical application.
The oscillator reduces the LT3681’s operating frequency
when the voltage at the FB pin is low. This frequency
foldback helps to control the output current during startup
and overload.
The LT3681 contains a power good comparator which trips
when the FB pin is at 91% of its regulated value. The PG
output is an open-collector transistor that is off when the
output is in regulation, allowing an external resistor to pull
the PG pin high. Power good is valid when the LT3681 is
enabled and VIN is above 3.6V.
The LT3681 integrates a high quality, 36V, 2A power
Schottky diode to reduce the overall solution size.
OPERATION
BLOCK DIAGRA
+
–
+
–
OSCILLATOR
300kHz–2.8MHz
BurstMode
DETECT
VC CLAMP
SOFT-START
SLOPE COMP
INTERNAL 1.265V REF
R
VIN
VIN
BIAS
RUN/SS
BOOST
SW
SWITCH
LATCH
VC
VOUT
C2
C3
CF
L1
DC
DC
DA
DISABLE
CC
RC
BD
RT
R2
ERROR AMP
R1
FB
RT
C1
PG
1.12V
S
Q
5
3681 BD
13
2
14
6
1
10
11
12
9
16
8
5
GND
15
GND
7
GND
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com